Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV04A111J-G Datasheet(PDF) 2 Page - Comchip Technology

Part # TV04A111J-G
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A111J-G Datasheet(HTML) 2 Page - Comchip Technology

  TV04A111J-G Datasheet HTML 1Page - Comchip Technology TV04A111J-G Datasheet HTML 2Page - Comchip Technology TV04A111J-G Datasheet HTML 3Page - Comchip Technology TV04A111J-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BTV01
RATING AND CHARACTERISTIC CURVES (TV04A5V0-G thru TV04A171-G)
td, Pulse Width (μS)
100
10
1
0.1
Fig.1 Reverse Characteristics
0.1
1
10
100
O
TA, Ambient Temperature (C)
0
Fig.2 Pulse Derating Curve
0
20
40
60
140
75
t, Time (mS)
0
Fig.3 Pulse Waveform
0
25
75
125
1
2
3
4
VBR, Breakdown Voltage (V)
Fig.4 Typical Junction Capacitance
10
1000
10000
Comchip Technology CO., LTD.
Page 2
REV:B
50
100
175
150
50
100
1
10
1000
100
SMD Transient Voltage Suppressor
10000
1000
25
125
2
Mounted on 5.0×5.0 mm
copper pads
O
TA=25 C
Non-repetitive
pulse waveform
shown in Fig.3
80
100
120
2
Mounted on 5.0×5.0 mm
copper pads
td
Pulse width (td) is defined
as the point where the peak
current decay to 50% of IPP
tr=10μS
Peak value IPPM
Half value IPP/2
10/1000μS waveform
as defined by R.E.A.
O
TJ=25 C
f=1.0MHz
Vsig=50mV-p
Measured at
standard-off
voltage, VWM
Uni-directional
Bi-directional
100
O
TL, Lead Temperature ( C)
0
Fig.5 Steady State Power Derating Curve
0
0.2
0.6
1.4
25
75
100
175
0.4
1.2
50
125
150
1.0
0.8
60Hz,
Resistive or
inductive load
Mounted on
2
5.0×5.0mm
copper pads
Number of Cycles at 60Hz
1
Fig.6 Max. Non-repetitive Forward Surge
Current (Uni-directional only)
10
100
10
100
50
8.3mS single half
sine-wave (JEDEC method)
TJ=TJ max.
SMD Diodes Specialist


Similar Part No. - TV04A111J-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A111J-HF COMCHIP-TV04A111J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV04A111J-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com