Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV04A780J-G Datasheet(PDF) 4 Page - Comchip Technology

Part # TV04A780J-G
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A780J-G Datasheet(HTML) 4 Page - Comchip Technology

  TV04A780J-G Datasheet HTML 1Page - Comchip Technology TV04A780J-G Datasheet HTML 2Page - Comchip Technology TV04A780J-G Datasheet HTML 3Page - Comchip Technology TV04A780J-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BTV01
Comchip Technology CO., LTD.
Page 4
REV:B
SMD Transient Voltage Suppressor
Table 1. Specification
VRWM
VBR Min. VBR Max.
IT
IFSM
IR@V RWM
(V)
(V)
(V)
(mA) (A)@8.3mS
(V)
IPP (A)
(uA)
Uni
Bi
TV04A360K(B)-G
36.0
40.0
48.9
1
40
64.3
6.2
5
CN
YN
TV04A360J(B)-G
36.0
40.0
44.2
1
40
58.1
6.9
5
CP
YP
TV04A400K(B)-G
40.0
44.4
54.3
1
40
71.4
5.6
5
CQ
YQ
TV04A400J(B)-G
40.0
44.4
49.1
1
40
64.5
6.2
5
CR
YR
TV04A430K(B)-G
43.0
47.8
58.4
1
40
76.7
5.2
5
CS
YS
TV04A430J(B)-G
43.0
47.8
52.8
1
40
69.4
5.7
5
CT
YT
TV04A450K(B)-G
45.0
50.0
61.1
1
40
80.3
5.0
5
CU
YU
TV04A450J(B)-G
45.0
50.0
55.3
1
40
72.7
5.5
5
CV
YV
TV04A480K(B)-G
48.0
53.3
65.1
1
40
85.5
4.7
5
CW
YW
TV04A480J(B)-G
48.0
53.3
58.9
1
40
77.4
5.2
5
CX
YX
TV04A510K(B)-G
51.0
56.7
69.3
1
40
91.1
4.4
5
CY
YY
TV04A510J(B)-G
51.0
56.7
62.7
1
40
82.4
4.9
5
CZ
YZ
TV04A540K(B)-G
54.0
60.0
73.3
1
40
96.3
4.2
5
RD
ZD
TV04A540J(B)-G
54.0
60.0
66.3
1
40
87.1
4.6
5
RE
ZE
TV04A580K(B)-G
58.0
64.4
78.7
1
40
103
3.9
5
RF
ZF
TV04A580J(B)-G
58.0
64.4
71.2
1
40
93.6
4.3
5
RG
ZG
TV04A600K(B)-G
60.0
66.7
81.5
1
40
107
3.7
5
RH
ZH
TV04A600J(B)-G
60.0
66.7
73.7
1
40
96.8
4.1
5
RK
ZK
TV04A640K(B)-G
64.0
71.1
86.9
1
40
114
4.5
5
RL
ZL
TV04A640J(B)-G
64.0
71.1
78.6
1
40
103
3.9
5
RM
ZM
TV04A700K(B)-G
70.0
77.8
95.1
1
40
125
3.2
5
RN
ZN
TV04A700J(B)-G
70.0
77.8
86.0
1
40
113
3.5
5
RP
ZP
TV04A750K(B)-G
75.0
83.3
102
1
40
134
3.0
5
RQ
ZQ
TV04A750J(B)-G
75.0
83.3
92.1
1
40
121
3.3
5
RR
ZR
TV04A780K(B)-G
78.0
86.7
106
1
40
139
2.9
5
RS
ZS
TV04A780J(B)-G
78.0
86.7
95.8
1
40
126
3.2
5
RT
ZT
TV04A850K(B)-G
85.0
94.4
115
1
40
151
2.6
5
RU
ZU
TV04A850J(B)-G
85.0
94.4
104
1
40
137
2.9
5
RV
ZV
TV04A900K(B)-G
90.0
100
122
1
40
160
2.5
5
RW
ZW
TV04A900J(B)-G
90.0
100
111
1
40
146
2.7
5
RX
ZX
TV04A101K(B)-G
100
111
136
1
40
179
2.2
5
RY
ZY
TV04A101J(B)-G
100
111
123
1
40
162
2.5
5
RZ
ZZ
TV04A111K(B)-G
110
122
149
1
40
196
2.0
5
SD
VD
TV04A111J(B)-G
110
122
135
1
40
177
2.3
5
SE
VE
TV04A121K(B)-G
120
133
163
1
40
214
1.9
5
SF
VF
TV04A121J(B)-G
120
133
147
1
40
193
2.0
5
SG
VG
TV04A131K(B)-G
130
144
176
1
40
231
1.7
5
SH
VH
TV04A131J(B)-G
130
144
159
1
40
209
1.9
5
SK
VK
TV04A151K(B)-G
150
167
204
1
40
268
1.5
5
SL
VL
TV04A151J(B)-G
150
167
185
1
40
243
1.6
5
SM
VM
TV04A161K(B)-G
160
178
218
1
40
287
1.4
5
SN
VN
TV04A161J(B)-G
160
178
197
1
40
259
1.5
5
SP
VP
TV04A171K(B)-G
170
189
231
1
40
304
1.3
5
SQ
VQ
TV04A171J(B)-G
170
189
209
1
40
275
1.4
5
SR
VR
Part No
Absolute Maximum Rating (Ta=25°C)
Electrical Characteristic (Ta=25°C)
Max. V C
Marking Code
Notes:
1. Suffix K denotes 10% tolerance devices, suffix J denotes 5% tolerance devices.
2. Suffix B after part number to specify bi-directional devices.
3. For bi-directional devices having VR of 10 volts and under, the IR limit is double.
SMD Diodes Specialist


Similar Part No. - TV04A780J-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A780J-HF COMCHIP-TV04A780J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV04A780J-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com