Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTBN1424V-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CTBN1424V-G
Description  300W Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CTBN1424V-G Datasheet(HTML) 2 Page - Comchip Technology

  CTBN1424V-G Datasheet HTML 1Page - Comchip Technology CTBN1424V-G Datasheet HTML 2Page - Comchip Technology CTBN1424V-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
QW-BTV12
REV:B
Comchip Technology CO., LTD.
SMD Diodes Specialist
COMCHIP
Ordering Information:
CTA
N14
24V
-G
Type Package Code
Voltage
RoHS compliant
CTA
From table below
3V3
CTB
12V
CTC
CTD
CTE
300W Transient Voltage Suppressor
Maximum Ratings and Electrical Characteristics
Specifications: (Ta=25°C)
Rating
Symbol
Value
Units
Peak pulse power (8/20μS)
Operating Temp. range
°C
Soldering temperature
°C
3.3V Volt Characteristics (3V3)
Symbol
VBD
IL
CT
VC
IPP
Characteristics
Reverse breakdown voltage
Reverse leakage current
Capacitance
Channel clamp voltage
Peak pulse current
Min
4.0
Max
50
350
8
17
Units
V
μA
pF
V
A
Test Conditions
IF=1mA
@VBD=3.3V
@1MHz
8/20μS, 1A
8/20μS
5V Volt Characteristics (5V0)
Symbol
VBD
IL
CT
VC
IPP
Characteristics
Reverse breakdown voltage
Reverse leakage current
Capacitance
Channel clamp voltage
Peak pulse current
Min
6.0
Max
10
350
10
17
Units
V
μA
pF
V
A
Test Conditions
IF=1mA
@VBD=5V
@1MHz
8/20μS, 1A
8/20μS
12V Volt Characteristics (12V)
Symbol
VBD
IL
CT
VC
IPP
Characteristics
Reverse breakdown voltage
Reverse leakage current
Capacitance
Channel clamp voltage
Peak pulse current
Min
13.3
Max
1
120
20
12
Units
V
μA
pF
V
A
Test Conditions
IF=1mA
@VBD=12V
@1MHz
8/20μS, 1A
8/20μS
24V Volt Characteristics (24V)
Symbol
VBD
IL
CT
VC
IPP
Characteristics
Reverse breakdown voltage
Reverse leakage current
Capacitance
Channel clamp voltage
Peak pulse current
Min
26.7
Max
1
50
43
5
Units
V
μA
pF
V
A
Test Conditions
IF=1mA
@VBD=24V
@1MHz
8/20μS, 1A
8/20μS
Watts
260 (10sec)
-55 to +125 °C
300
PPK
TJ
TL
24V
5V0


Similar Part No. - CTBN1424V-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CTBN1424V-G COMCHIP-CTBN1424V-G Datasheet
147Kb / 3P
   300 Watt Transient Voltage Suppressor
More results

Similar Description - CTBN1424V-G

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMC05 JUXING-SMC05 Datasheet
932Kb / 3P
   Surface Mount Transient Voltage Suppressor Power 300W
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
   300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
SCT316LD SECOS-SCT316LD Datasheet
175Kb / 3P
   300W Transient Voltage Supperssors Array
SD03 SECOS-SD03 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
logo
FutureWafer Tech Co.,Lt...
SMF FUTUREWAFER-SMF Datasheet
1Mb / 12P
   300W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com