Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP693DMN33TCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP693DMN33TCG
Description  1A CMOS Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP693DMN33TCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP693DMN33TCG Datasheet HTML 4Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 5Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 6Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 7Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 8Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 9Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 10Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 11Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCP693
http://onsemi.com
9
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1020304050607080
90 100
0.790
0.795
0.800
0.805
0.810
0.815
0.820
Input Voltage
Output Voltage
TIME (ms)
Figure 27. Input Response NCP693xMN08TCG
IOUT = 100 mA
COUT = 2.2 mF
VIN = step 1.8 V to 2.8 V
TA = 25°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
102030
4050
607080
90 100
3.290
3.295
3.300
3.305
3.310
3.315
3.320
TIME (ms)
Figure 28. Input Response NCP693xMN33TCG
Input Voltage
Output Voltage
IOUT = 100 mA
COUT = 2.2 mF
VIN = step 4.3 V to 5.3 V
TA = 25°C


Similar Part No. - NCP693DMN33TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690 ONSEMI-NCP690 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN18T2G ONSEMI-NCP690MN18T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP693DMN33TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com