Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9UG85143-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # L9UG85143-PF
Description  SUPER BRIGHT RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG85143-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  L9UG85143-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 4/5
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
° C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
150
Time(sec)
5
°/sec
max
260
° C3sec Max
Temp(
°C)
260°
120°
100
50
2
°/sec
max
0
25°
Preheat
60 Seconds Max
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
PART NO. L9UG85143-PF


Similar Part No. - L9UG85143-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9UG11243-PF LIGITEK-L9UG11243-PF Datasheet
181Kb / 7P
   BIPOLAR TYPE LED LAMPS
L9UG13743-PF LIGITEK-L9UG13743-PF Datasheet
125Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG15243-PF LIGITEK-L9UG15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG2040 LIGITEK-L9UG2040 Datasheet
143Kb / 5P
   ROUND TYPE LED LAMPS
L9UG2040-PF LIGITEK-L9UG2040-PF Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - L9UG85143-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF25030 LIGITEK-L8SRF25030 Datasheet
97Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF45840 LIGITEK-L9SEF45840 Datasheet
129Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LUY5730-PF LIGITEK-LUY5730-PF Datasheet
123Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L8SR5230 LIGITEK-L8SR5230 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG15243-PF LIGITEK-L9UG15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LVY5230 LIGITEK-LVY5230 Datasheet
66Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF15243-PF LIGITEK-L9SEF15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSE5233 LIGITEK-LSE5233 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSR45840-PF LIGITEK-LSR45840-PF Datasheet
127Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSRF9UG85093-PF LIGITEK-LSRF9UG85093-PF Datasheet
370Kb / 7P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG5730 LIGITEK-L9UG5730 Datasheet
126Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com