Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8UG9S53 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # L8UG9S53
Description  SURFACE MOUNT TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L8UG9S53 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  L8UG9S53 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L8UG9S53 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L8UG9S53 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L8UG9S53 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L8UG9S53 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L8UG9S53 Datasheet HTML 6Page - LIGITEK electronics co., ltd. L8UG9S53 Datasheet HTML 7Page - LIGITEK electronics co., ltd. L8UG9S53 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Electro-Optical Characteristics Curve
8UG CHIP
PART NO.
Wavelength (nm)
500
550
600
0
650
0.5
0.5
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
1.0
Ambient Temperature(
)
20
0
-20
40
60
0.8
-20
20
0
80
0
40
80
60
Fig.4 Relative Intensity vs. Temperature
0.9
1.0
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
2.5
Page 4/7
L8UG9S53/TR1
50
Forward Current(mA)
10
Forward Voltage(V)
0
0
0.5
1.5
1.0
2.0
3.0
2.5
0
1.0
10
30
20
40
1.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
60
2.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - L8UG9S53

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8UG9033 LIGITEK-L8UG9033 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
L8UG9033-TR1 LIGITEK-L8UG9033-TR1 Datasheet
158Kb / 8P
   SURFACE MOUNT TAPE AND REEL
L8UG9033-TR2 LIGITEK-L8UG9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
L8UG9033-TR3 LIGITEK-L8UG9033-TR3 Datasheet
132Kb / 8P
   SURFACE MOUNT TAPE AND REEL
L8UG9253-1-S5 LIGITEK-L8UG9253-1-S5 Datasheet
154Kb / 7P
   AXIAL TYPE LED LAMPS
More results

Similar Description - L8UG9S53

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSR9033-TR2 LIGITEK-LSR9033-TR2 Datasheet
99Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR1 LIGITEK-LSEF9033-TR1 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR2 LIGITEK-LSEF9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com