Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8SRF3330-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # L8SRF3330-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L8SRF3330-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  L8SRF3330-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L8SRF3330-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L8SRF3330-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L8SRF3330-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L8SRF3330-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L8SRF3330-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 5/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reference
Standard
Description
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
This test intended to see soldering well
performed or not.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
L8SRF3330-PF
PART NO.
Test Item
Reliability Test:
High Temperature
Storage Test
Low Temperature
Storage Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Thermal Shock Test
High Temperature
High Humidity Test
Operating Life Test
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Test Condition
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles


Similar Part No. - L8SRF3330-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF2040-PF LIGITEK-L8SRF2040-PF Datasheet
136Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L8SRF25030 LIGITEK-L8SRF25030 Datasheet
97Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L8SRF8UG2063-PF LIGITEK-L8SRF8UG2063-PF Datasheet
233Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - L8SRF3330-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com