Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGXV-0225A7X-P Datasheet(PDF) 1 Page - LIGITEK electronics co., ltd.

Part # LGXV-0225A7X-P
Description  10W Power Light LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGXV-0225A7X-P Datasheet(HTML) 1 Page - LIGITEK electronics co., ltd.

  LGXV-0225A7X-P Datasheet HTML 1Page - LIGITEK electronics co., ltd. LGXV-0225A7X-P Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGXV-0225A7X-P Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGXV-0225A7X-P Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGXV-0225A7X-P Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGXV-0225A7X-P Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DOC. NO :
IMQW0905-LGXV-0225A7X-P
REV.
:
A
DATE
: 24-Mar-2009
10W Power Light LED
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LGXV-0225A7X-P
DATA SHEET
Lead-Free Parts
Pb
Preliminary


Similar Part No. - LGXV-0225A7X-P

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
   10W Power Light LED
More results

Similar Description - LGXV-0225A7X-P

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
   10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
   10W Power Light LED
logo
Elite Enterprises (H.K....
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
   10W White/ Warm White Power LED
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
   10W LED Driver
logo
Visual Communications C...
VAOP-EWS-1 VCC-VAOP-EWS-1 Datasheet
1Mb / 9P
   Power Light LED
VAOP-EWS-3 VCC-VAOP-EWS-3 Datasheet
1Mb / 9P
   Power Light LED
logo
Sanyo Semicon Device
STK400-010 SANYO-STK400-010 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com