Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA7267A Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA7267A
Description  2CH AUDIO POWER AMPLIFIER(20W X 2)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7267A Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA7267A Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SA7267
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.05.25
Http: www.silan.com.cn
Page 4 of 11
(Continued)
Pin No.
HSIP-11
HSIP-15
Pin Name
I/O
Pin Description
6
8
-Vs
--
Negative power
7
9
IN+(2)
I
Inverting Input 2
8
10
IN-(2)
I
Non inverting input 2
9
12
GND
--
Ground
10
13
IN-(1)
I
Non inverting input 1
11
14
IN+(1)
I
Inverting input 1
1,4,11,15
NC
--
Not connected
FUNCTION DESCRIPTION
MUTE STAND-BY FUNCTION
The MUTE/ST-BY controls the amplifier status by two different thresholds, referred to +Vs.
Ø
When MUTE/ST-BY higher than +Vs - 2.5V, the amplifier is in Stand-by mode and the final stage
generators are off.
Ø
When MUTE/ST-BY is between +Vs - 2.5V and +Vs- 6V, the final stage current generators are
switched on and the amplifier is in mute mode
Ø
When MUTE/ST-BY is lower than +Vs - 6V, the amplifier is in play mode.
Power Dissipation and Heat Sinking
The SA7267 must always be operated with a heat sink. In order to determine the appropriate heat sink for a
given application, the power dissipation of the SA7267 in that application must be known. When the load is a
resistor, the maximum average power of the IC is approximately:
PD(MAX)=Vs
2/
π2RL+PQ
Where VS is the total power supply voltage across the SA7267, RL is the load resistance and PQ is the
quiescent power dissipation of the amplifier. The above equation is only an approximation which assumes an
“ideal”class B output stage and constant power dissipation in all other parts of the circuit. The curves of “Power
Dissipation vs. Power Output”give a better representation of the behavior of the SA7267 with various power
supply voltages and resistors. As an example, if the SA7267 is operated on a ±15V power supply with a
resistance of 4
Ω, it can develop up to 24.5W of internal power dissipation. If the die temperature is to remain
below 150
°C for ambient temperatures up to 50°C, the total junction-to-ambient thermal resistance must be less
than:
(150
°C 50°C)/24.5W 4.1°C/W
Using Rth(j-c) = 2
°C /W, the sum of the case-to-heat-sink interface thermal resistance and the heat-sink-to-
ambient thermal resistance must be less than 2.1
°C/W. The case-to-heat-sink thermal resistance of the HSIP-11
package varies with the mounting method used. A metal-to-metal interface will be about 1
°C /W if use the thermal
resistance, and about 1.2
°C /W if not.
If a mica insulator is used, the thermal resistance will be about 1.6
°C /W lubricated and 3.4°C /W dry. For this
example, we assume a lubricated mica insulator between the SA7267 and the heat sink. The heat sink thermal
resistance must then be less than:
4.1
°C/W-2°C/W-1.6°C/W 0.5°C/W


Similar Part No. - SA7267A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264A SILAN-SA7264A Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264B SILAN-SA7264B Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
More results

Similar Description - SA7267A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210AHQ TOSHIBA-TA8210AHQ Datasheet
940Kb / 14P
   20W BTL 횞 2ch Audio Power Amplifier
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
   2CH AUDIO POWER AMPLIFIER (W x 2)
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
logo
Toshiba Semiconductor
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
   DUAL AUDIO POWER AMPLIFIER 6W x 2CH
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
   18W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com