Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F465A Datasheet(PDF) 4 Page - Integrated Technology Future

Part # F465A
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F465A Datasheet(HTML) 4 Page - Integrated Technology Future

  F465A Datasheet HTML 1Page - Integrated Technology Future F465A Datasheet HTML 2Page - Integrated Technology Future F465A Datasheet HTML 3Page - Integrated Technology Future F465A Datasheet HTML 4Page - Integrated Technology Future F465A Datasheet HTML 5Page - Integrated Technology Future F465A Datasheet HTML 6Page - Integrated Technology Future F465A Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAW Bandpass Filter F465A
Part No.
F465A
CH1
S21
LOG
10 dB/
REF 0 dB
CENTER 465 . 000 000 MHz
SPAN 100 . 000 000 MHz
Cor
16 Aug 2004 19:11:54
1
2
3
4
5
5: -2 . 2575 dB
465 . 000 000 MHz
CH1 Markers
1: -55 . 128 dB
452 . 500 MHz
2: -55 . 117 dB
457 . 500 MHz
3: -2 . 5126 dB
462 . 500 MHz
4: -2 . 2203 dB
467 . 500 MHz
Typical Performance ( at 25℃ )
CH1
S21
LOG
10 dB/
REF 0 dB
START
. 300 000 MHz
STOP 3 000 . 000 000 MHz
Cor
16 Aug 2004 19:24:10
1
1: -3 . 4154 dB
465 . 000 000 MHz
Rev. Date
2006-06-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR5004-AS03
4/7


Similar Part No. - F465A

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F4651 ITF-F4651 Datasheet
319Kb / 7P
   SAW Bandpass Filter
F4652 ITF-F4652 Datasheet
285Kb / 7P
   SAW Bandpass Filter
F4653 ITF-F4653 Datasheet
305Kb / 8P
   SAW Bandpass Filter
logo
Hamamatsu Corporation
F4655-01 HAMAMATSU-F4655-01 Datasheet
59Kb / 2P
   WIDE DYNAMIC RANGE MCP ASSEMBLY FOR HELIUM LEAK DETECTOR
F4655-12 HAMAMATSU-F4655-12 Datasheet
55Kb / 2P
   COMPACT MCP ASSEMBLY FOR TOF
More results

Similar Description - F465A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com