Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4621 Datasheet(PDF) 4 Page - Integrated Technology Future

Part # F4621
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4621 Datasheet(HTML) 4 Page - Integrated Technology Future

  F4621 Datasheet HTML 1Page - Integrated Technology Future F4621 Datasheet HTML 2Page - Integrated Technology Future F4621 Datasheet HTML 3Page - Integrated Technology Future F4621 Datasheet HTML 4Page - Integrated Technology Future F4621 Datasheet HTML 5Page - Integrated Technology Future F4621 Datasheet HTML 6Page - Integrated Technology Future F4621 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAW Bandpass Filter F4621
Typical Performance ( at 25℃ )
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 465.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
21 Oct 2003 15:55:02
1
2
3
4
5
5_:-2.1847 dB
462.500 000 MHz
1_:-48.58 dB
450 MHz
2_:-42.523 dB
455 MHz
3_:-2.9194 dB
460 MHz
4_:-2.5371 dB
465 MHz
CH2
S 21
log MAG
REF 0 dB
1 dB/
CH2 CENTER 465.000 000 MHz
SPAN 30.000 000 MHz
Cor
PRm
21 Oct 2003 15:57:31
1
2
2_: .3952 dB
5.000 000 MHz
REF=1
mean:-2.389 7 dB
s.dev: .2305 dB
p-p: .7937 dB
Part No.
F4621
Rev. Date
2006-06-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR3017-AS02
4/7


Similar Part No. - F4621

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4620 FOX-F4620 Datasheet
222Kb / 2P
   LVE-PECL 7x5mm 2.5V Oscillator
F4620R FOX-F4620R Datasheet
222Kb / 2P
   LVE-PECL 7x5mm 2.5V Oscillator
logo
Integrated Technology F...
F4623 ITF-F4623 Datasheet
306Kb / 8P
   SAW Bandpass Filter
logo
Fox Electronics
F4625 FOX-F4625 Datasheet
222Kb / 2P
   LVE-PECL 7x5mm 2.5V Oscillator
F4625R FOX-F4625R Datasheet
222Kb / 2P
   LVE-PECL 7x5mm 2.5V Oscillator
More results

Similar Description - F4621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com