Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG240033-T1B-A Datasheet(PDF) 6 Page - NEC

Part # NESG240033-T1B-A
Description  NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG240033-T1B-A Datasheet(HTML) 6 Page - NEC

  NESG240033-T1B-A Datasheet HTML 1Page - NEC NESG240033-T1B-A Datasheet HTML 2Page - NEC NESG240033-T1B-A Datasheet HTML 3Page - NEC NESG240033-T1B-A Datasheet HTML 4Page - NEC NESG240033-T1B-A Datasheet HTML 5Page - NEC NESG240033-T1B-A Datasheet HTML 6Page - NEC NESG240033-T1B-A Datasheet HTML 7Page - NEC NESG240033-T1B-A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Each Input Power Pin (dBm)
VCE = 5 V,
IC (set) = 40 mA ,
f1 = 1.000 GHz,
f2 = 1.001 GHz
–50
–80
0
10
20
–10
–20
30
EACH OUTPUT POWER, IM3
vs. EACH INPUT POWER
Pout
IM3
–70
–60
–20
–40
–30
–10
20
0
10
40
30
Input Power Pin (dBm)
COLLECTOR CURRENT vs. INPUT POWER
40
30
20
0
10
–10
400
500
200
100
300
0
–20
0
10
–10
20
VCE = 5 V,
IC (set) = 40 mA ,
f = 1 GHz
GL
Pout
IC
OUTPUT POWER, LINEAR GAIN,
30
Collector Current IC (mA)
OUTPUT 3RD ORDER INTERCEPT POINT
vs. COLLECTOR CURRENT
40
30
20
10
0
1
10
100
VCE = 5 V,
f1 = 1.000 GHz,
f2 = 1.001 GHz
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
4
3
2
1
0
16
14
12
10
8
6
2
4
1
10
100
VCE = 5 V,
f = 1 GHz,
ZS = ZSopt, ZL = 50
Ω
Ga
NF
0
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters and noise parameters are provided on our Web site in a format (S2P) that enables the direct import
of the parameters to microwave circuit simulators without the need for keyboard inputs.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.necel.com/microwave/en/
Data Sheet PU10768EJ02V0DS
6
NESG240033


Similar Part No. - NESG240033-T1B-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG240033-T1B RENESAS-NESG240033-T1B Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
More results

Similar Description - NESG240033-T1B-A

ManufacturerPart #DatasheetDescription
logo
NEC
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
Renesas Technology Corp
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG210833 RENESAS-NESG210833 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 RENESAS-NESG240033 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220034 RENESAS-NESG220034 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG240034 RENESAS-NESG240034 Datasheet
221Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG220034 NEC-NESG220034 Datasheet
97Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG240034 NEC-NESG240034 Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
California Eastern Labs
NESG210719 CEL-NESG210719 Datasheet
1Mb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN Amplification 3-Pin Ultra Super Minimold (19, 1608 PKG)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com