Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

251919B Datasheet(PDF) 5 Page - Integrated Technology Future

Part No. 251919B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251919B Datasheet(HTML) 5 Page - Integrated Technology Future

  251919B Datasheet HTML 1Page - Integrated Technology Future 251919B Datasheet HTML 2Page - Integrated Technology Future 251919B Datasheet HTML 3Page - Integrated Technology Future 251919B Datasheet HTML 4Page - Integrated Technology Future 251919B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 251919B
Part No.
251919B
Rev. Date
2009-04-15
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8082-CS02
5/5
CH1 S21
LOG
1 dB/
REF -28.51 dB
Cor
CH2 S21
DEL
100 ns/
REF 4.381 us
CENTER 119. 900 000 MHz
SPAN 24. 000 000 MHz
Cor
Smo
19 Dec 2008 18:35:02
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 19. 274412 MHz
cent : 119. 908704 MHz
Q: 6. 2211
1_loss : -28 . 741 dB
2
3
3: 5. 0859 ns
18. 840 000 MHz
REF=2
CH2 Markers
mean: 4. 3977 us
s. dev : 7. 9137 ns
p-p : 42. 724 ns
CH1 S11
1 U FS
CENTER 119. 900 000 MHz
SPAN 52. 000 000 MHz
Cor
CH2 S22
1 U FS
Cor
19 Dec 2008 18:35:43
1
1: 38. 332
-15 . 072
88. 069 pF
119. 900 000 MHz
2
2: 42. 447
-38 . 883
34. 138 pF
119. 900 000 MHz
CH1 S21
LOG
10 dB/
REF -28.87 dB
START . 010 000 MHz
STOP 450. 000 000 MHz
19 Dec 2008 18:36:04
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-62 . 447 dB
119. 900 MHz
3:-55 . 820 dB
239. 800 MHz
CH1 S11
SWR
5 /
REF 1.541
Cor
CH2 S22
SWR
5 /
REF 2.307
CENTER 119. 900 000 MHz
SPAN 52. 000 000 MHz
Cor
19 Dec 2008 18:35:37
1
1: 1. 5410
119. 900 000 MHz
2
2: 2. 3108
119. 900 000 MHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn