Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

270955B Datasheet(PDF) 4 Page - Integrated Technology Future

Part No. 270955B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

270955B Datasheet(HTML) 4 Page - Integrated Technology Future

  270955B Datasheet HTML 1Page - Integrated Technology Future 270955B Datasheet HTML 2Page - Integrated Technology Future 270955B Datasheet HTML 3Page - Integrated Technology Future 270955B Datasheet HTML 4Page - Integrated Technology Future 270955B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 270955B
Part No.
270955B
Rev. Date
2008-12-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8007-CS01
4/5
6. Typical Performance ( at +25℃
℃ )
CH1 S21
LOG
10 dB/
REF -21.14 dB
CENTER 70. 000 000 MHz
SPAN 28. 000 000 MHz
*
Cor
Hld
14 Mar 2008 14:10:24
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 10. 501801 MHz
cent :
69. 995576 MHz
Q: 6. 6651
1_loss : -21 . 162 dB
CH1 S21
LOG
1 dB/
REF -20.92 dB
Cor
CH2 S21
LOG
1 dB/
REF -21.49 dB
CENTER 70. 000 000 MHz
SPAN 11. 000 000 MHz
Cor
14 Mar 2008 14:11:05
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 264146 MHz
cent :
70. 000227 MHz
Q: 7. 5560
1_loss : -21 . 122 dB
2
3
3:- . 09700 dB
8. 870 000 MHz
REF=2
CH2 Markers
mean:-21 . 128 dB
s. dev : . 11380 dB
p-p : . 51720 dB


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn