Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

270955B Datasheet(PDF) 3 Page - Integrated Technology Future

Part No. 270955B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

270955B Datasheet(HTML) 3 Page - Integrated Technology Future

  270955B Datasheet HTML 1Page - Integrated Technology Future 270955B Datasheet HTML 2Page - Integrated Technology Future 270955B Datasheet HTML 3Page - Integrated Technology Future 270955B Datasheet HTML 4Page - Integrated Technology Future 270955B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW Bandpass Filter 270955B
Part No.
270955B
Rev. Date
2008-12-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8007-CS01
3/5
4. Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
L1 = 100nH
5. Marking Configuration
ITF
1) 08A0012)
270955B
3)
4)
1) Manufacturer name
2) Lot Number
3) Part Number
4) Pad Number 1 Index
Output
50Ω
L1
Input
50Ω


Similar Part No. - 270955B

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2709558 PHOENIX-2709558 Datasheet
56Kb / 2P
   Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
More results

Similar Description - 270955B

ManufacturerPart No.DatasheetDescription
Integrated Technology Future
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
   SAW Bandpass Filter
271101B ITF-271101B Datasheet
207Kb / 5P
   SAW Bandpass Filter
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
   SAW Bandpass Filter
FG228 ITF-FG228 Datasheet
220Kb / 7P
   SAW Bandpass Filter
F1G84 ITF-F1G84 Datasheet
947Kb / 7P
   SAW Bandpass Filter
F8971 ITF-F8971 Datasheet
1Mb / 7P
   SAW Bandpass Filter
F1G72 ITF-F1G72 Datasheet
1Mb / 7P
   SAW Bandpass Filter
F1G85 ITF-F1G85 Datasheet
1Mb / 7P
   SAW Bandpass Filter
F1G83 ITF-F1G83 Datasheet
312Kb / 7P
   SAW Bandpass Filter
F1G52 ITF-F1G52 Datasheet
433Kb / 7P
   SAW Bandpass Filter
201146B ITF-201146B Datasheet
198Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz