Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

232001B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 232001B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

232001B Datasheet(HTML) 5 Page - Integrated Technology Future

  232001B Datasheet HTML 1Page - Integrated Technology Future 232001B Datasheet HTML 2Page - Integrated Technology Future 232001B Datasheet HTML 3Page - Integrated Technology Future 232001B Datasheet HTML 4Page - Integrated Technology Future 232001B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 232001B
Part No.
232001B
CH1
S21
LOG
10 dB/
REF -23.77 dB
CENTER
75. 000 000 MHz
SPAN
58. 000 000 MHz
Cor
30 Dec 2006 14:36:44
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
22. 424851
MHz
cent :
75. 025142
MHz
Q: 3. 3456
1_loss : -23 . 738 dB
Rev. Date
2007-04-19
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM7022-CS01
5/5
CH1
S21
LOG
1 dB/
REF -23.58 dB
Cor
CH2
S21
DEL
100 ns/
REF 1.505 us
CENTER
75. 000 000 MHz
SPAN
23. 000 000 MHz
Cor
Smo
30 Dec 2006 14:38:04
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 398733
MHz
cent :
75. 072670
MHz
Q: 3. 6803
1_loss : -23 . 729 dB
3
3: 9. 9283 ns
18. 800 000 MHz
2
REF=2
CH2 Markers
mean : 1. 5277 us
s. dev : 6. 1394 ns
p-p : 25. 011 ns
CH1
S11
SWR
10 /
REF 4.208
Cor
CH2
S22
SWR
10 /
REF 7.262
CENTER
75. 000 000 MHz
SPAN
58. 000 000 MHz
Cor
30 Dec 2006 14:39:12
1
1: 4. 2029
75. 000 000 MHz
2
2: 7. 2600
75. 000 000 MHz
CH1
S21
LOG
10 dB/
REF -23.03 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
30 Dec 2006 14:39:47
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -80 . 718 dB
75. 0000 MHz
3: -45 . 161 dB
150 . 000 MHz


Similar Part No. - 232001B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
232001 LITTELFUSE-232001 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
232001. LITTELFUSE-232001. Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
232001.XE LITTELFUSE-232001.XE Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
232001.XW LITTELFUSE-232001.XW Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
logo
PHOENIX CONTACT
2320018 PHOENIX-2320018 Datasheet
300Kb / 11P
   MINI-PS- 12- 24DC/ 5-15DC/2
More results

Similar Description - 232001B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com