Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

251902C Datasheet(PDF) 4 Page - Integrated Technology Future

Part No. 251902C
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251902C Datasheet(HTML) 4 Page - Integrated Technology Future

  251902C Datasheet HTML 1Page - Integrated Technology Future 251902C Datasheet HTML 2Page - Integrated Technology Future 251902C Datasheet HTML 3Page - Integrated Technology Future 251902C Datasheet HTML 4Page - Integrated Technology Future 251902C Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 251902C
Part No.
251902C
CH1
S21
LOG
10 dB/
REF -25.12 dB
CENTER 120 . 000 000 MHz
SPAN
51. 000 000 MHz
Cor
27 Sep 2005 09:48:16
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 127974
MHz
cent : 119 . 961458
MHz
Q: 5. 9599
1_loss : -25 . 144 dB
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
1 dB/
REF -24.74 dB
Cor
CH2
S21
DEL
200 ns/
REF 2.646 us
CENTER 120 . 000 000 MHz
SPAN
23. 000 000 MHz
Cor
Smo
27 Sep 2005 09:51:55
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 119582
MHz
cent : 119 . 991885
MHz
Q: 6. 2759
1_loss : -25 . 024 dB
2
3
3: -22 . 060 ns
18. 440 000 MHz
REF=2
CH2 Markers
mean : 2. 6782 us
s. dev : 8. 7520 ns
p-p : 50. 818 ns
Rev. Date
2004-09-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM5020-CS02
4/5


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn