Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

251909B Datasheet(PDF) 5 Page - Integrated Technology Future

Part No. 251909B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251909B Datasheet(HTML) 5 Page - Integrated Technology Future

  251909B Datasheet HTML 1Page - Integrated Technology Future 251909B Datasheet HTML 2Page - Integrated Technology Future 251909B Datasheet HTML 3Page - Integrated Technology Future 251909B Datasheet HTML 4Page - Integrated Technology Future 251909B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 251909B
Part No.
251909B
CH1
Rev. Date
2005-07-01
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM5016-CS01
5/5
S21
LOG
1 dB/
REF -29.1 dB
Cor
PRm
CH2 S21
LOG
1 dB/
REF -29.68 dB
CENTER 120. 000 000 MHz
SPAN 23. 000 000 MHz
Cor
PRm
1 Jul 2005 12:31:47
CH1 S21
LOG
10 dB/
REF -30.66 dB
START
. 010 000 MHz
STOP 500. 000 000 MHz
PRm
1 Jul 2005 12:35:16
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-61 . 239 dB
120. 000 MHz
3:-56 . 265 dB
240. 000 MHz
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 18. 912696 MHz
cent : 119. 978610 MHz
Q: 6. 3438
1_loss : -29 . 315 dB
2
3
3: . 08530 dB
18. 440 000 MHz
REF=2
CH2 Markers
mean:-29 . 336 dB
s. dev : . 11300 dB
p-p : . 64950 dB
CH1
CH1 S11
1 U FS
CENTER 120. 000 000 MHz
SPAN 51. 000 000 MHz
Cor
PRm
CH2 S22
1 U FS
Cor
PRm
1 Jul 2005 12:33:48
1
1: 28. 400
-38 . 865
34. 125 pF
120. 000 000 MHz
2
2: 22. 417
-28 . 662
46. 273 pF
120. 000 000 MHz
S11
LOG
1 dB/
REF -5.884 dB
Cor
PRm
CH2 S22
LOG
1 dB/
REF -5.847 dB
CENTER 120. 000 000 MHz
SPAN 51. 000 000 MHz
Cor
PRm
1 Jul 2005 12:33:22
1
1:-5 . 8810 dB
120. 000 000 MHz
2
2:-5 . 8386 dB
120. 000 000 MHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn