Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS450DC-3 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DS450DC-3
Description  450 - 550 Watts Distributed Power System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS450DC-3 Datasheet(HTML) 2 Page - Emerson Network Power

  DS450DC-3_09 Datasheet HTML 1Page - Emerson Network Power DS450DC-3_09 Datasheet HTML 2Page - Emerson Network Power DS450DC-3_09 Datasheet HTML 3Page - Emerson Network Power DS450DC-3_09 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 10.13.09_79
DS450DC/DS550DC
 of 4
Embedded Power for
Business-Critical Continuity
OrderingInformation
Output
NominalOutput
VoltageSetPoint
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
OutputRipple
P/P
OverCurrent
Options
DS450DC-3
12.0Vdc
3.3Vsb
±0.2%
±1%
+5/-3%
+5/-4%
0A
0A
37.0A
3.0A
120mV
60mV
39.5-44.4%
4.9AAvg,7Amax
Standard
DS450DC-3-002
12.0Vdc
3.3Vsb
±0.2%
±1%
+5/-3%
+5/-4%
0A
0A
37.0A
3.0A
120mV
60mV
39.5-44.4%
4.9AAvg,7Amax
ReverseAir
DS550DC-3
12.0Vdc
3.3Vsb
±0.2%
±1%
+5/-3%
+5/-4%
0A
0A
45.0A
3.0A
120mV
60mV
48.0A-54.0A
4.9AAvg,7Amax
Standard
DS550DC-3-003
12.0Vdc
3.3Vsb
±0.2%
±1%
+5/-3%
+5/-4%
0A
0A
45.0A
3.0A
120mV
60mV
48.0A-54.0A
4.9AAvg,7Amax
ReverseAir
*Overcurrentlatchesoffifovercurrentlastsover1second,otherwiseitisautorecovery.
*For5Vsb,consultmarketing.
LogicControl
PS_ON/L:
(Power supply enable)
Thepowersupplyoutputwillbeenabledwhenthissignalispulledlow(<0.8V).
HIGH=OutputV1OFF
LOW=OutputV1ON
VIN_GOOD/H(InputOK):
ActiveHighsignalassertedwhentheinputvoltagerisesabovethemininput
voltagespecified.
Thissignalisinternallypulledupthrough4.7Kohmstothe3.3Vhousekeeping
voltage.
POK/H(OutputOK):
ActiveHighsignalassertedwhentheoutputiswithinregulation.Thissignalis
internallypulledupthrough1.0Kohmstothe3.3Vhousekeepingvoltage.
TACH_1:
Thisopencollectorsignalgeneratestwopulsespereachfanrevolution.This
signaliseternallypulleduptothehousekeepingvoltage.
PS_KILL:
Thissignalwillcausetheoutputtoshutdownwhendrivehigh(>24V)orleft
floating.ThePS_KILLwillcausetheoutputtolatchoffandrequiresrecycleof
PS_ONorDCinputtoreset.
DigitalControl:
PMBus-I2C compliant
Operatingtemperature:
-10°Cto50°C
Storagetemperature:
-40°Cto+70°C
Altitude,operating:
10,000ft.
Electromagnetic
susceptibility/Inputtransients:
-EN61000-3-2,-3-3
-EN61000-4-2,4.3,4-4,-4-5,4-11Level
-EN55024:1998
RoHS&lead-freecompliant(notantalumcaps.)
Humidity:
20to90%RH,non-condensing
ShockandvibrationspecificatonscomplieswithAstecStd.Specifications,Q3205
MTBF(observed):
500KHrsat80%,40°C
EnvironmentalSpecifications


Similar Part No. - DS450DC-3_09

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450DC-3-002 EMERSON-NETWORKPOWER-DS450DC-3-002 Datasheet
613Kb / 4P
   Distributed Power System
logo
Artesyn Technologies
DS450DC-3-002 ARTESYN-DS450DC-3-002 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS450DC-3_09

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS450-3 ASTEC-DS450-3 Datasheet
187Kb / 3P
   450-550 Watts 12V DS450-3/DS550-3 Distributed Power System
logo
Artesyn Technologies
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
   500 Watts Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
   1600 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
   750 Watts Distributed Power System
logo
Emerson Network Power
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
   2900 Watts Distributed Power System
logo
Artesyn Technologies
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100PED-3 ARTESYN-DS1100PED-3 Datasheet
880Kb / 8P
   1100 Watts Distributed Power System
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com