Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH6D18HPNP-330PC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH6D18HPNP-330PC
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D18HPNP-330PC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH6D18HPNP-330PC Datasheet HTML 1Page - Sumida Corporation CDRH6D18HPNP-330PC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
7.0
×
7.0mm Max.(L
×
W),2.0mm Max. Height.
Operating temperature range: -40
~+105
.
RoHS and Halogen-Free Compliance.
Applications
Surface mount inductor for PDA,HDD,DSC/DVC, etc.
Shapes and Dimensions/Recommended Land Patterns(mm)
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
CDRH6D18/HP
CDRH6D18/HP
CDRH6D18/HP
CDRH6D18/HP
◆ Land pattern (mm)
◆ Dimensions
Schematics (Bottom)
※ 6.7±0.3
6.
0.
3
2.0 Max.
6.5
6.
5
2.
0
(1.8)
φ
5.
4
9.
5
Ma
x.
Electrode
(1.0
μH~22μH)
(33
μH~68μH)


Similar Part No. - CDRH6D18HPNP-330PC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D18HPNP-330PC SUMIDA-CDRH6D18HPNP-330PC Datasheet
178Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH6D18HPNP-330PC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com