Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5140ZI-00-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5140ZI-00-GT3
Description  Single Channel 256 Tap DPP with Integrated EEPROM and I2C Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5140ZI-00-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5140ZI-00-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5140ZI-00-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5140ZI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5140ZI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5140ZI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5140ZI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5140ZI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5140ZI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5140ZI-00-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT5140
http://onsemi.com
4
Table 7. CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = 5 V)
Test
Test Conditions
Symbol
Max
Units
Input/Output Capacitance (SDA)
VI/O = 0 V
CI/O (Note 8)
8
pF
Input Capacitance (SCL, WP)
VIN = 0 V
CIN (Note 8)
6
pF
Table 8. POWER UP TIMING (Notes 8 and 9)
Parameter
Symbol
Max
Units
Power−up to Read Operation
tPUR
1
ms
Power−up to Write Operation
tPUW
1
ms
8. This parameter is tested initially and after a design or process change that affects the parameter.
9. tPUR and tPUW are delays required from the time VCC is stable until the specified operation can be initiated.
Table 9. DPP TIMING
Parameter
Symbol
Min
Max
Units
Wiper Response Time After Power Supply Stable
tWRPO
50
ms
Wiper Response Time: SCL falling edge after last bit of wiper position data
byte to wiper change
tWR
20
ms
Table 10. ENDURANCE
Parameter
Reference Test Method
Symbol
Min
Max
Units
Endurance
MIL−STD−883, Test Method 1033
NEND
2,000,000
Cycles
Data Retention
MIL−STD−883, Test Method 1008
TDR
100
Years
Table 11. A.C. CHARACTERISTICS (VCC = +2.5 V to +5.5 V, −40_C to +85_C unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Units
Clock Frequency
fSCL
400
kHz
Clock High Period
tHIGH
600
ns
Clock Low Period
tLOW
1300
ns
Start Condition Setup Time (for a Repeated Start Condition)
tSU:STA
600
ns
Start Condition Hold Time
tHD:STA
600
ns
Data in Setup Time
tSU:DAT
100
ns
Data in Hold Time
tHD:DAT
0
ns
Stop Condition Setup Time
tSU:STO
600
ns
Time the bus must be free before a new transmission can start
tBUF
1300
ns
WP Setup Time
tSU:WP
0
ms
WP Hold Time
tHD:WP
2.5
ms
SDA and SCL Rise Time
tR
300
ns
SDA and SCL Fall Time
tF
300
ns
Data Out Hold Time
tDH
100
ns
Noise Suppression Time Constant at SCL, SDA Inputs
TI
50
ns
SLC Low to SDA Data Out and ACK Out
tAA
1
ms
Non−Volatile Write Cycle Time
tWR
4
10
ms


Similar Part No. - CAT5140ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5140ZI-00-GT3 ONSEMI-CAT5140ZI-00-GT3 Datasheet
172Kb / 10P
   Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com