Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX97000 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX97000 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
4
Functional Diagram/Typical Application Circuit
LPMODE
HPLMIX
HPRMIX
SPKMIX
+
+
10µF
PGAINA
-6dB TO +18dB
PGAINA
-6dB TO +18dB
PGAINB
-6dB TO +18dB
PGAINB
-6dB TO +18dB
HPLVOL:
-64dB TO +6dB
HPRVOL:
-64dB TO +6dB
SPKVOL:
-30dB TO +20dB
INADIFF
INBDIFF
0.47µF
INA1
OPTIONAL
0.47µF
INA2
OPTIONAL
0.47µF
INB1 D4
E5
E4
OPTIONAL
0.47µF
INB2 D5
COM1 D2
COM2 D3
SDA B3
C3
GND
C2
VDD
CHARGE PUMP
A1
1µF
1µF
1µF
C1P
A2
C1N
A3
HPVDD HPVSS
A4
PGND
VDD
SWEN
ANALOG SWITCHES
THD LIMITER
THDCLP
SCL B4
I2C
INTERFACE/
SHUTDOWN
C4
OPTIONAL
1µF
1µF
1µF
10µF
PVDD
C1
BIAS
BIAS
HPVDD
HPVSS
HPVDD
HPVSS
PVDD
HPREN
HPLEN
1µF
C5
HPL
B5
HPR
A5
OUTP
CLASS D
+12dB
E1
OUTN
SPKEN
PGND
D1
NC1
E2
NC2
E3
B2
LDOIN
B1
LDO
VDD
2.5V TO 5.5V
2.7V TO 5.5V
SHDN
MAX97000
CLASS H
0/3dB
CLASS H
0/3dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn