Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97000 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part No. MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX97000 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX97000 Datasheet HTML 23Page - Maxim Integrated Products MAX97000 Datasheet HTML 24Page - Maxim Integrated Products MAX97000 Datasheet HTML 25Page - Maxim Integrated Products MAX97000 Datasheet HTML 26Page - Maxim Integrated Products MAX97000 Datasheet HTML 27Page - Maxim Integrated Products MAX97000 Datasheet HTML 28Page - Maxim Integrated Products MAX97000 Datasheet HTML 29Page - Maxim Integrated Products MAX97000 Datasheet HTML 30Page - Maxim Integrated Products MAX97000 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
27
Distortion Limiter
Power Management
Table 5. Distortion Limiter Register
Table 6. Power Management Register
REGISTER
BIT
NAME
DESCRIPTION
0x07
7
THDCLP
Distortion Limit
6
VALUE
0000
0001–1001
1010
1011
1100
1101
1110
1111
THD LIMIT (%)
Disabled
P
4
P
5
P
6
P
8
P
11
P
12
P
15
5
4
0
THDT1
Distortion Release Time Constant
0 = 1.4s
1 = 2.8s
REGISTER
BIT
NAME
DESCRIPTION
0x08
7
SHDN
Software Shutdown
0 = Device disabled
1 = Device enabled
6
LPMODE
Low-Power Headphone Mode. Enables low-power headphone mode. When activated
this mode directly connects the selected channel to the headphone amplifiers,
bypassing the mixers and the volume control. Additionally, low-power mode disables the
speaker path.
5
VALUE
00
01
10
11
INPUT
Disabled
INA (SE) Connected to the headphone output
INB (SE) Connected to the headphone output
INA (Diff) to HPL and INB (Diff) to HPR
4
SPKEN
Speaker Amplifier Enable
0 = Disabled
1 = Enabled
2
HPLEN
Left Headphone Amplifier Enable
0 = Disabled
1 = Enabled
1
HPREN
Right Headphone Amplifier Enable
0 = Disabled
1 = Enabled
0
SWEN
Analog Switch
0 = Open
1 = Closed


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn