Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX97000 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97000 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX97000 Datasheet HTML 20Page - Maxim Integrated Products MAX97000 Datasheet HTML 21Page - Maxim Integrated Products MAX97000 Datasheet HTML 22Page - Maxim Integrated Products MAX97000 Datasheet HTML 23Page - Maxim Integrated Products MAX97000 Datasheet HTML 24Page - Maxim Integrated Products MAX97000 Datasheet HTML 25Page - Maxim Integrated Products MAX97000 Datasheet HTML 26Page - Maxim Integrated Products MAX97000 Datasheet HTML 27Page - Maxim Integrated Products MAX97000 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
24
Mixers
Table 2. Input Register (continued)
Table 3. Mixer Registers
REGISTER
BIT
NAME
DESCRIPTION
2
PGAINB
Input B Preamp Gain. Set the input gain to maximize output signal level for a given input
signal range to improve the SNR of the system. PGAINB = 111 switches to a trimmed 20kI
feedback resistor for external gain setting.
1
VALUE
000
001
010
011
100
101
110
111
LEVEL (dB)
-6
-3
0
3
6
9
18
External
0
REGISTER
BIT
NAME
DESCRIPTION
0x01
7
HPLMIX
Left Headphone Mixer. Selects which of the four inputs is routed to the left headphone output.
6
VALUE
0000
xxx1
xx1x
x1xx
1xxx
INPUT
No input
INA1 (Disabled when INADIFF = 1)
INA2 (Select when INADIFF = 1)
INB1 (Disabled when INBDIFF = 1)
INB2 (Select when INBDIFF = 1)
5
4
3
HPRMIX
Right Headphone Mixer. Selects which of the four inputs is routed to the right headphone output.
2
VALUE
0000
xxx1
xx1x
x1xx
1xxx
INPUT
No input
INA1 (Disabled when INADIFF = 1)
INA2 (Select when INADIFF = 1)
INB1 (Disabled when INBDIFF = 1)
INB2 (Select when INBDIFF = 1)
1
0
0x02
3
SPKMIX
Speaker Mixer. Selects which of the four inputs is routed to the speaker output.
2
VALUE
0000
xxx1
xx1x
x1xx
1xxx
INPUT
No input
INA1 (Disabled when INADIFF = 1)
INA2 (Select when INADIFF = 1)
INB1 (Disabled when INBDIFF = 1)
INB2 (Select when INBDIFF = 1)
1
0


Similar Part No. - MAX97000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000EVKIT MAXIM-MAX97000EVKIT Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
MAX97000EVKIT++ MAXIM-MAX97000EVKIT+ Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
MAX97000EWA++ MAXIM-MAX97000EWA+ Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
More results

Similar Description - MAX97000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com