Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97000 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part No. MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX97000 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX97000 Datasheet HTML 17Page - Maxim Integrated Products MAX97000 Datasheet HTML 18Page - Maxim Integrated Products MAX97000 Datasheet HTML 19Page - Maxim Integrated Products MAX97000 Datasheet HTML 20Page - Maxim Integrated Products MAX97000 Datasheet HTML 21Page - Maxim Integrated Products MAX97000 Datasheet HTML 22Page - Maxim Integrated Products MAX97000 Datasheet HTML 23Page - Maxim Integrated Products MAX97000 Datasheet HTML 24Page - Maxim Integrated Products MAX97000 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
21
Distortion Limiter
The MAX97000 speaker amplifiers integrate a limiter
to provide speaker protection and audio compression.
When enabled, the limiter monitors the audio signal at
the output of the Class D speaker amplifier and decreas-
es the gain if the distortion exceeds the predefined
threshold. The limiter automatically tracks the battery
voltage to reduce the gain as the battery voltage drops.
Figure 5 shows the typical output vs. input curves with
and without the distortion limiter. The dotted line shows
the maximum gain for a given distortion limit without
the distortion limiter. The solid line shows how, with the
distortion limiter enabled, the gain can be increased
without exceeding the set distortion limit. When the
limiter is enabled, selecting a high gain level results in
peak signals being attenuated while low signals are left
unchanged. This increases the perceived loudness with-
out the harshness of a clipped waveform.
Analog Switch
The MAX97000 integrates a DPST analog audio switch.
This switch can be used to disconnect an independent
audio signal, or drive the 8I speaker by connecting
NC1 and NC2 to OUTN and OUTP, respectively. Unlike
discrete solutions, the switch design reduces coupling
of Class D switching noise to the COM_ inputs. This
eliminates the need for a costly T-switch. Drive COM1
and COM2 with a low-impedance source to minimize
noise on the pins. In applications that do not require
the analog switch, leave COM1, COM2, NC1, and NC2
unconnected.
Headphone Amplifier
DirectDrive
Traditional single-supply headphone amplifiers have
outputs biased at a nominal DC voltage (typically half
the supply). Large coupling capacitors are needed to
block this DC bias from the headphone. Without these
capacitors, a significant amount of DC current flows to
the headphone, resulting in unnecessary power dis-
sipation and possible damage to both headphone and
headphone amplifier.
Maxim’s patented DirectDrive® architecture uses a
charge pump to create an internal negative supply
voltage. This allows the headphone outputs of the
MAX97000 to be biased at GND while operating from a
single supply (Figure 6). Without a DC component, there
is no need for the large DC-blocking capacitors. Instead
of two large (220FF, typ) capacitors, the MAX97000
charge pump requires three small ceramic capacitors,
Figure 5. Limiter Gain Curve
DirectDrive is a registered trademark of Maxim Integrated Products, Inc.
Figure 6. Traditional Amplifier Output vs. MAX97000
DirectDrive Output
MAXIMUM THD+N
LEVEL
VOUT
VIN
VDD
VDD / 2
GND
CONVENTIONAL AMPLIFIER BIASING SCHEME
DirectDrive AMPLIFIER BIASING SCHEME
+VDD
SGND
-VDD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn