Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX97000 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97000 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX97000 Datasheet HTML 14Page - Maxim Integrated Products MAX97000 Datasheet HTML 15Page - Maxim Integrated Products MAX97000 Datasheet HTML 16Page - Maxim Integrated Products MAX97000 Datasheet HTML 17Page - Maxim Integrated Products MAX97000 Datasheet HTML 18Page - Maxim Integrated Products MAX97000 Datasheet HTML 19Page - Maxim Integrated Products MAX97000 Datasheet HTML 20Page - Maxim Integrated Products MAX97000 Datasheet HTML 21Page - Maxim Integrated Products MAX97000 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
18
Pin Description (continued)
Detailed Description
The MAX97000 audio subsystem combines a mono
speaker amplifier with a stereo headphone amplifier
and an analog DPST switch. The high-efficiency 725mW
Class D speaker amplifier operates directly from the bat-
tery and consumes no more than 1FA when in shutdown
mode. The headphone amplifier utilizes a dual-mode
charge pump and a Class H output stage to maximize
efficiency while outputting a ground-referenced signal
that does not require output coupling capacitors. The
headphone and speaker amplifiers have independent
volume control and on/off control. The four inputs are
configurable as two differential inputs or four single-
ended inputs. All control is performed using the 2-wire,
I2C interface.
The speaker amplifier incorporates a distortion limiter to
automatically reduce the volume level when excessive
clipping occurs. This allows high gain for low-level sig-
nals without compromising the quality of large signals.
Internal Linear Regulator
The MAX97000 includes an internal regulator (LDOIN) to
generate VDD. The regulator allows single-supply opera-
tion directly from a Li+ battery.
Signal Path
The MAX97000 signal path consists of flexible inputs,
signal mixing, volume control, and output amplifiers
(Figure 2). The inputs can be configured for single-
ended or differential signals (Figure 3). The internal
preamplifiers feature programmable gain settings using
internal resistors and an external gain setting using a
trimmed internal feedback resistor. The external option
allows any desired gain to be selected. Following pream-
plification, the input signals are mixed, volume adjusted,
and routed to the headphone and speaker amplifiers
based on the desired configuration.
Figure 2. Signal Path
-64dB TO +6dB
MIXER
AND
MUX
INA2
INA1
INB2
INB1
0/3dB
-64dB TO +6dB
0/3dB
-30dB TO +20dB
+12dB
INPUT A
-6dB TO +18dB
INPUT B
-6dB TO +18dB
BUMP
NAME
FUNCTION
D1
OUTN
Negative Speaker Output
D2
COM1
Analog Switch 1 Input
D3
COM2
Analog Switch 2 Input
D4
INB1
Input B1. Left or negative input.
D5
INB2
Input B2. Right or positive input.
E1
OUTP
Positive Speaker Output
E2
NC1
Analog Switch 1 Output
E3
NC2
Analog Switch 2 Output
E4
INA1
Input A1. Left or negative input.
E5
INA2
Input A2. Right or positive input.


Similar Part No. - MAX97000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000EVKIT MAXIM-MAX97000EVKIT Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
MAX97000EVKIT++ MAXIM-MAX97000EVKIT+ Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
MAX97000EWA++ MAXIM-MAX97000EWA+ Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
More results

Similar Description - MAX97000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com