Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX97000 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part No. MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX97000 Datasheet(HTML) 13 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
13
Typical Operating Characteristics (continued)
(VLDOIN = VPVDD = 3.7V, VGND = VPGND = 0V. Single-ended inputs, preamp gain = 0dB, HPLVOL = HPRVOL = SPKVOL = 0dB. Speaker
loads (ZSPK) connected between OUTP and OUTN. Headphone loads (RHP) connected from HPL or HPR to GND. ZSPK = ∞, RHP = ∞.
CC1P-C1N = CHPVDD = CHPVSS = CBIAS = 1μF. TA = +25°C, unless otherwise noted.)
WIDEBAND OUTPUT SPECTRUM
FREQUENCY (MHz)
100
10
1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0.1
1000
RBW = 100Hz
SSM
SPEAKER VOLUME GAIN
vs. SPKVOL CODE
SPKVOL CODE (NUMERIC)
60
50
40
30
20
10
-30
-20
-10
0
10
20
30
-40
0
70
HARDWARE SHUTDOWN RESPONSE
MAX97000 toc24
SPKR
OUTPUT
500mV/div
1ms/div
SHDN
2V/div
SOFTWARE SHUTDOWN RESPONSE
MAX97000 toc25
SPKR
OUTPUT
1V/div
400µs/div
SDA
2V/div
SOFTWARE TURN-ON RESPONSE
MAX97000 toc26
SPKR
OUTPUT
1V/div
4ms/div
SDA
2V/div
WIDEBAND OUTPUT SPECTRUM
FREQUENCY (MHz)
100
10
1
-100
-80
-60
-40
-20
0
-120
0.1
1000
RBW = 100Hz
FFM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn