Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97000 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX97000 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX97000 Datasheet HTML 7Page - Maxim Integrated Products MAX97000 Datasheet HTML 8Page - Maxim Integrated Products MAX97000 Datasheet HTML 9Page - Maxim Integrated Products MAX97000 Datasheet HTML 10Page - Maxim Integrated Products MAX97000 Datasheet HTML 11Page - Maxim Integrated Products MAX97000 Datasheet HTML 12Page - Maxim Integrated Products MAX97000 Datasheet HTML 13Page - Maxim Integrated Products MAX97000 Datasheet HTML 14Page - Maxim Integrated Products MAX97000 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
11
Typical Operating Characteristics (continued)
(VLDOIN = VPVDD = 3.7V, VGND = VPGND = 0V. Single-ended inputs, preamp gain = 0dB, HPLVOL = HPRVOL = SPKVOL = 0dB. Speaker
loads (ZSPK) connected between OUTP and OUTN. Headphone loads (RHP) connected from HPL or HPR to GND. ZSPK = ∞, RHP = ∞.
CC1P-C1N = CHPVDD = CHPVSS = CBIAS = 1μF. TA = +25°C, unless otherwise noted.)
SPEAKER AMPLIFIER
THD+N vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.01
0.1
1
10
0.001
0.01
100
VPVDD = 3.7V
ZSPRK = 4I + 33µF
POUT = 200mW
POUT = 1000mW
THD+N vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.01
0.1
1
10
0.001
0.01
100
VPVDD = 3.7V
ZSPRK = 8I + 68µF
SSM
FFM
THD+N vs. OUTPUT POWER
POUT (mW)
2.0
1.5
1.0
0.5
0.01
0.1
1
10
100
0.001
0
2.5
fIN = 100Hz
fIN = 6kHz
fIN = 1kHz
VPVDD = 5.0V
ZSPRK = 8I + 68µF
THD+N vs. OUTPUT POWER
POUT (mW)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.01
0.1
1
10
100
0.001
0
4.0
fIN = 100Hz
fIN = 6kHz
fIN = 1kHz
VPVDD = 5.0V
ZSPRK = 4I + 33µF
THD+N vs. OUTPUT POWER
POUT (mW)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.01
0.1
1
10
100
0.001
0
1.6
fIN = 100Hz
fIN = 6kHz
fIN = 1kHz
VPVDD = 4.2V
ZSPRK = 8I + 68µF
2.5
2.0
1.5
1.0
0.5
0
3.0
THD+N vs. OUTPUT POWER
0.01
0.1
1
10
100
0.001
POUT (mW)
fIN = 100Hz
fIN = 6kHz
fIN = 1kHz
VPVDD = 4.2V
ZSPRK = 4I + 33µF
1.2
1.0
0.8
0.6
0.4
0.2
0
1.4
THD+N vs. OUTPUT POWER
0.01
0.1
10
100
0.001
fIN = 100Hz
fIN = 6kHz
fIN = 1kHz
VPVDD = 3.7V
ZSPRK = 8I + 68µF
1
POUT (mW)
THD+N vs. OUTPUT POWER
POUT (mW)
2.0
1.5
1.0
0.5
0.01
0.1
1
10
100
0.001
0
2.5
fIN = 100Hz
fIN = 6kHz
fIN = 1kHz
VPVDD = 3.7V
ZSPRK = 4I + 33µF
THD+N vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.01
0.1
1
10
0.001
0.01
100
VPVDD = 3.7V
ZSPRK = 8I + 68µF
POUT = 200mW
POUT = 500mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn