Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97000 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part No. MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX97000 Datasheet(HTML) 9 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
9
DIGITAL I/O CHARACTERISTICS
(VLDOIN = VPVDD = VSHDN = 3.7V, VGND = VPGND = 0V. TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25NC.) (Note 1)
I2C TIMING CHARACTERISTICS
(VLDOIN = VPVDD = VSHDN = 3.7V, VGND = VPGND = 0V. TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25NC.) (Note 1)
Note 1: 100% production tested at TA = +25NC. Specifications overtemperature limits are guaranteed by design.
Note 2: Amplifier inputs are AC-coupled to GND.
Note 3: Class D amplifier testing performed with a resistive load in series with an inductor to simulate an actual speaker load.
Note 4: CB is in pF.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SDA, SCL, SHDN)
Input Voltage High
VIH
1.3
V
Input Voltage Low
VIL
0.5
V
Input Hysteresis
VHYS
200
mV
Input Capacitance
CIN
10
pF
Input Leakage Current
IIN
TA = +25NC
Q
1.0
F
A
VLDOIN = 0, TA = +25NC
Q
1.0
DIGITAL OUTPUTS (SDA Open Drain)
Output Low Voltage
VOL
ISINK = 3mA
0.4
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial-Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD,STA
0.6
F
s
SCL Pulse-Width Low
tLOW
1.3
F
s
SCL Pulse-Width High
tHIGH
0.6
F
s
Setup Time for a Repeated
START Condition
tSU,STA
0.6
F
s
Data Hold Time
tHD,DAT
0
900
ns
Data Setup Time
tSU,DAT
100
ns
SDA and SCL Receiving
Rise Time
tR
(Note 4)
20 +
0.1CB
300
ns
SDA and SCL Receiving Fall Time
tF
(Note 4)
20 +
0.1CB
300
ns
SDA Transmitting Fall Time
tF
(Note 4)
20 +
0.1CB
300
ns
Setup Time for STOP Condition
tSU,STO
0.6
F
s
Bus Capacitance
CB
400
pF
Pulse Width of Suppressed Spike
tSP
0
50
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn