Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX97000 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX97000
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX97000 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX97000 Datasheet HTML 3Page - Maxim Integrated Products MAX97000 Datasheet HTML 4Page - Maxim Integrated Products MAX97000 Datasheet HTML 5Page - Maxim Integrated Products MAX97000 Datasheet HTML 6Page - Maxim Integrated Products MAX97000 Datasheet HTML 7Page - Maxim Integrated Products MAX97000 Datasheet HTML 8Page - Maxim Integrated Products MAX97000 Datasheet HTML 9Page - Maxim Integrated Products MAX97000 Datasheet HTML 10Page - Maxim Integrated Products MAX97000 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Audio Subsystem with Mono Class D
Speaker and Class H Headphone Amplifier
7
ELECTRICAL CHARACTERISTICS (continued)
(VLDOIN = VPVDD = VSHDN = 3.7V, VGND = VPGND = 0V. Input signal applied at INA configured single-ended, preamp gain = 0dB,
HPLVOL = HPRVOL= SPKVOL = 0dB, speaker loads (ZSPK) connected between OUTP and OUTN. Headphone loads (RHP) con-
nected from HPL or HPR to GND. SDA and SCL pullup voltage = 1.8V. ZSPK = J, RHP = J. CC1P-C1N = CHPVDD = CHPVSS = CBIAS
= 1FF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE PUMP
Charge-Pump Frequency
VHPL = VHPR = 0V
80
83
85
kHz
VHPL = VHPR = 0.2V
665
VHPL = VHPR = 0.5V
500
Positive Output Voltage
VHPVDD
VHPL, VHPR > VTH
1.8
V
VHPL, VHPR < VTH
0.9
Negative Output Voltage
VHPVSS
VHPL, VHPR > VTH
-1.8
V
VHPL, VHPR < VTH
-0.9
Headphone Output Voltage
Threshold
VTH1
Output voltage at which the charge pump
switches between fast and slow clock
0.1
0.16
0.21
V
VTH2
Output voltage at which the charge pump
switches modes, VOUT rising or falling
0.40
0.46
0.52
Mode Transition Timeouts
Time it takes for the charge pump to
transition from invert to split mode
32
ms
Time it takes for the charge pump to
transition from split to invert mode
20
F
s
HEADPHONE AMPLIFIERS
Output Offset Voltage
VOS
TA = +25NC volume at mute
Q
0.15
Q
0.6
mV
TA = +25NC, HP_VOL = 0dB, HP_MIX = 0x1,
IN_DIFF = 0
Q
0.5
Click-and-Pop Level
KCP
Peak voltage, TA =
+25NC, A-weighted, 32
samples per second,
volume at mute
(Note 2)
Into shutdown
-74
dBV
Out of shutdown
-74
Power-Supply Rejection Ratio
PSRR
TA = +25NC (Note 2)
VLDOIN = 2.5V to 5.5V
70
85
dB
f = 217Hz,
VRIPPLE = 200mVP-P
84
f = 1kHz,
VRIPPLE = 200mVP-P
80
f = 20kHz,
VRIPPLE = 200mVP-P
62
Output Power
POUT
THD+N = 1%,
f = 1kHz
RHP = 16I
40
mW
RHP = 32I
23
RHP = 32I,
LPMODE = 1,
LP gain = 3dB
34
Channel-to-Channel Gain
Tracking
TA = +25NC, HPL to HPR, volume at
maximum, HPLMIX = 0x01, HPRMIX = 0x02,
IN_DIFF = 0
Q
0.3
Q
2.5
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn