Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15061 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15061
Description  80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15061 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15061 Datasheet HTML 6Page - Maxim Integrated Products MAX15061 Datasheet HTML 7Page - Maxim Integrated Products MAX15061 Datasheet HTML 8Page - Maxim Integrated Products MAX15061 Datasheet HTML 9Page - Maxim Integrated Products MAX15061 Datasheet HTML 10Page - Maxim Integrated Products MAX15061 Datasheet HTML 11Page - Maxim Integrated Products MAX15061 Datasheet HTML 12Page - Maxim Integrated Products MAX15061 Datasheet HTML 13Page - Maxim Integrated Products MAX15061 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
80V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
10
______________________________________________________________________________________
Functional Diagram
80V
DMOS
+A
-C
-A
+C
CLK
VREF
VREF
SHDN
BIAS
VREF
LX
ILIM
PWR
PGND
RLIM
MOUT
1x
APD
FB
SGND
CNTRL
CN
CP
IN
SWITCH
CONTROL
LOGIC
SOFT-
START
OUTPUT ERROR AND CURRENT
COMPARATOR
REFERENCE
COMPARATOR
CURRENT
MONITOR
OSCILLATOR
400kHz
CHARGE
PUMP
(DOUBLER)
BIAS AND
REFERENCE
THERMAL
SHUTDOWN
SWITCH
CURRENT
SENSE
CURRENT-
LIMIT
ADJUSTMENT
UVLO
CURRENT
LIMIT
MUX
PEAK CURRENT-LIMIT
COMPARATOR
CLAMP
10x
MAX15061
Detailed Description
The MAX15061 constant-frequency, current-mode, PWM
boost converter is intended for low-voltage systems that
require a locally generated high voltage. This device can
generate a low-noise, high output voltage required for
PIN and varactor diode biasing and LCD displays. The
MAX15061 operates either from +2.7V to +5.5V or from
+5.5V to +11V. For 2.7V to 5.5V operation, an internal
charge pump with an external 10nF ceramic capacitor is
used. For 5.5V to 11V operation, connect CP to IN and
leave CN unconnected.
The MAX15061 operates in discontinuous mode in
order to reduce the switching noise caused by reverse-
voltage recovery charge of the rectifier diode. Other
continuous mode boost converters generate large volt-
age spikes at the output when the LX switch turns on
because there is a conduction path between the out-
put, diode, and switch to ground during the time need-
ed for the diode to turn off and reverse its bias voltage.
To reduce the output noise even further, the LX switch
turns off by taking 10ns typically to transition from ON
to OFF. As a consequence, the positive slew rate of the
LX node is reduced and the current from the inductor
does not “force” the output voltage as hard as would
be the case if the LX switch were to turn off faster.
The constant-frequency (400kHz) PWM architecture
generates an output voltage ripple that is easy to filter.
An 80V vertical DMOS device used as the internal
power switch is ideal for boost converters with output
voltages up to 76V. The MAX15061 can also be used in
other topologies where the PWM switch is grounded,
like SEPIC and flyback converters.


Similar Part No. - MAX15061

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX15062 MAXIM-MAX15062 Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX15062A MAXIM-MAX15062A Datasheet
863Kb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 4/19
MAX15062AATA++ MAXIM-MAX15062AATA+ Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX15062AEVKIT MAXIM-MAX15062AEVKIT Datasheet
863Kb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 4/19
More results

Similar Description - MAX15061

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
   Boost Converter and Current Monitor for APD
logo
Linear Technology
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
   Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
   Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
   75V DC/DC Converter for APD Bias
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com