Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

205708B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 205708B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

205708B Datasheet(HTML) 4 Page - Integrated Technology Future

  205708B Datasheet HTML 1Page - Integrated Technology Future 205708B Datasheet HTML 2Page - Integrated Technology Future 205708B Datasheet HTML 3Page - Integrated Technology Future 205708B Datasheet HTML 4Page - Integrated Technology Future 205708B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 205708B
Part No.
205708B
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
10 dB/
REF -11.62 dB
CENTER 281 . 000 000 MHz
SPAN
35. 000 000 MHz
*
205708B
Cor
Hld
28 Apr 2004 09:25:19
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
13. 056026
MHz
cent : 281 . 065222
MHz
Q: 21. 528
1_loss : -11 . 619 dB
CH2
S21
LOG
1 dB/
REF -11.58 dB
CENTER 281 . 000 000 MHz
SPAN
12. 000 000 MHz
205708B
Cor
CH4
S21
DEL
100 ns/
REF 699.7 ns
Cor
Smo
28 Apr 2004 09:27:13
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
8. 078017
MHz
cent : 281 . 033748
MHz
Q: 34. 790
1_loss : -11 . 571 dB
4
2
3
3: -18 . 024 ns
6. 000 000 MHz
REF=2
CH4 Markers
mean : 616 . 78 ns
s. dev : 6. 6374 ns
p-p : 29. 628 ns
Rev. Date
2004-04-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI1031-CS03
4/5


Similar Part No. - 205708B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2057086-1 TEC-2057086-1 Datasheet
710Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2057086-2 TEC-2057086-2 Datasheet
710Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2057086-6 TEC-2057086-6 Datasheet
710Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 205708B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com