Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97678IRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL97678IRZ
Description  8-Channel 45V 50mA LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97678IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL97678IRZ Datasheet HTML 2Page - Intersil Corporation ISL97678IRZ Datasheet HTML 3Page - Intersil Corporation ISL97678IRZ Datasheet HTML 4Page - Intersil Corporation ISL97678IRZ Datasheet HTML 5Page - Intersil Corporation ISL97678IRZ Datasheet HTML 6Page - Intersil Corporation ISL97678IRZ Datasheet HTML 7Page - Intersil Corporation ISL97678IRZ Datasheet HTML 8Page - Intersil Corporation ISL97678IRZ Datasheet HTML 9Page - Intersil Corporation ISL97678IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6998.1
November 5, 2009
Eff_peak
Peak Efficiency
VIN = 24V, 96LEDs,
20mA each, L = 10µH
with DCR ≤100mΩ,
FSW = 600kHz,
TA = +25°C
92.4
%
VIN = 12V, 96 LEDs,
20mA each, L = 10µH
with DCR ≤100mΩ,
FSW = 600kHz,
TA = +25°C
91.5
%
VIN = 6V, 96 LEDs,
20mA each, L = 10µH
with DCR ≤100mΩ,
FSW = 600kHz,
TA = +25°C
81.6
%
VIN = 24V, 80 LEDs,
40mA each, L = 10µH
with DCR ≤100mΩ,
FSW=600kHz,
TA = +25°C
93.4
%
VIN = 12V, 80 LEDs,
40mA each, L = 10µH
with DCR ≤100mΩ,
FSW = 600kHz,
TA = +25°C
90.7
%
DMAX
Boost Maximum Duty Cycle
fSW = 500kHz
90
%
DMIN
Boost Minimum Duty Cycle
fSW = 500kHz
10
%
fSW
Boost Switching Frequency
Rfsw = 100kΩ
0.45
0.5
0.55
MHz
Rfsw = 33kΩ
1.35
1.5
1.65
MHz
ILX_leakage
Lx Leakage Current
VLX = 45V, /SHUT = 0V
10
µA
REFERENCE
IMATCH
Channel-to-Channel Current Matching
ILED = 20mA
-1.1
±0.7
+1.1
%
IACC
Absolute Current Accuracy
IRSET = 36kΩ,
TA = +25°C
-1.5
+1.5
%
IRSET = 36kΩ,
TA =-40°C to +80°C
-2
+2
%
FAULT DETECTION
VSC
Channel Short Circuit Threshold
3.3
4.6
V
Vtemp
Over-Temperature Threshold
150
°C
Vtemp_acc
Over-Temperature Threshold Accuracy
5
°C
VOVP
Overvoltage Limit on OVP Pin
1.18
1.22
1.24
V
DIGITAL INTERFACE
VIL
Logic Input Low Voltage
0.8
V
VIH
Logic Input High Voltage
1.5
5.5
V
CURRENT SOURCES
VHEADROOM
Dominant Channel Current Source
Headroom at CH Pin
ILED = 50mA
TA = +25°C
1.0
V
Electrical Specifications All specifications below are characterized at TA = -40°C to +85°C; VIN = 12V, /SHUT = 5V,
ISET = 36kΩ, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +85°C. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 7) TYP
MAX
(Note 7) UNIT
ISL97678


Similar Part No. - ISL97678IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97678IRZ INTERSIL-ISL97678IRZ Datasheet
1Mb / 16P
   8-Channel 45V, 50mA LED Driver
May 6, 2014
logo
Renesas Technology Corp
ISL97678IRZ RENESAS-ISL97678IRZ Datasheet
1Mb / 17P
   8-Channel 45V, 50mA LED Driver
More results

Similar Description - ISL97678IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97678 RENESAS-ISL97678 Datasheet
1Mb / 17P
   8-Channel 45V, 50mA LED Driver
logo
Intersil Corporation
ISL97678IRZ INTERSIL-ISL97678IRZ Datasheet
1Mb / 16P
   8-Channel 45V, 50mA LED Driver
May 6, 2014
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com