Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101IR50Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL80101IR50Z
Description  High Performance 1A LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101IR50Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL80101IR50Z Datasheet HTML 1Page - Intersil Corporation ISL80101IR50Z Datasheet HTML 2Page - Intersil Corporation ISL80101IR50Z Datasheet HTML 3Page - Intersil Corporation ISL80101IR50Z Datasheet HTML 4Page - Intersil Corporation ISL80101IR50Z Datasheet HTML 5Page - Intersil Corporation ISL80101IR50Z Datasheet HTML 6Page - Intersil Corporation ISL80101IR50Z Datasheet HTML 7Page - Intersil Corporation ISL80101IR50Z Datasheet HTML 8Page - Intersil Corporation ISL80101IR50Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6931.0
December 21, 2009
Thermal Shutdown
Hysteresis (Rising Threshold)
TSDn
2.2V < VIN < 6V
30
°C
AC CHARACTERISTICS
Input Supply Ripple
Rejection
PSRR
f = 1kHz, ILOAD = 1A; VIN = 2.2V
58
dB
f = 120Hz, ILOAD = 1A; VIN = 2.2V
72
dB
Output Noise Voltage
ILOAD = 10mA, BW = 300Hz < f < 300kHz
100
µVRMS
ENABLE PIN CHARACTERISTICS
Turn-on Threshold
2.2V < VIN < 6V
0.3
0.8
1
V
Hysteresis
(Rising Threshold)
2.2V < VOUT + 0.4V < 6V
10
80
200
mV
Enable Pin Turn-on Delay
COUT = 10µF, ILOAD = 1A
100
µs
Enable Pin Leakage Current
VIN = 6V, EN = 3V
1
µA
ADJUSTABLE INRUSH CURRENT LIMIT CHARACTERISTICS
Current limit adjust
IPD
VIN = 3.5V, EN = 0V, SS = 1V
0.5
1
1.3
mA
ICHG
-3.3
-2
-0.8
µA
PG PIN CHARACTERISTICS
VOUT PG Flag Threshold
75
85
92
%VOUT
VOUT PG Flag Hysteresis
4%
PG Flag Low Voltage
VIN = 2.5V, ISINK = 500µA
100
mV
PG Flag Leakage Current
VIN = 6V, PG = 6V
1
µA
NOTES:
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
12. Dropout is defined by the difference in supply VIN and VOUT when the supply produces a 2% drop in VOUT from its nominal
value.
Electrical Specifications Unless otherwise noted, VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C.
Applications must follow thermal guidelines of the package to determine worst case junction
temperature. Please refer to Applications section of the datasheet and Tech Brief TB379.
Boldface limits apply over the operating temperature range,
-40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11) TYP
MAX
(Note 11) UNITS
ISL80101


Similar Part No. - ISL80101IR50Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80101IR50Z RENESAS-ISL80101IR50Z Datasheet
747Kb / 12P
   High Performance 1A LDO
More results

Similar Description - ISL80101IR50Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com