Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101IR08Z-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL80101IR08Z-T
Description  High Performance 1A LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101IR08Z-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL80101IR08Z-T Datasheet HTML 7Page - Intersil Corporation ISL80101IR08Z-T Datasheet HTML 8Page - Intersil Corporation ISL80101IR08Z-T Datasheet HTML 9Page - Intersil Corporation ISL80101IR08Z-T Datasheet HTML 10Page - Intersil Corporation ISL80101IR08Z-T Datasheet HTML 11Page - Intersil Corporation ISL80101IR08Z-T Datasheet HTML 12Page - Intersil Corporation ISL80101IR08Z-T Datasheet HTML 13Page - Intersil Corporation ISL80101IR08Z-T Datasheet HTML 14Page - Intersil Corporation ISL80101IR08Z-T Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6931.0
December 21, 2009
FIGURE 19. ENABLE SHUTDOWN
FIGURE 20. START-UP TIME vs SUPPLY VOLTAGE
FIGURE 21. START-UP TIME vs TEMPERATURE
FIGURE 22. CURRENT LIMIT vs TEMPERATURE
FIGURE 23. CURRENT LIMIT vs SUPPLY VOLTAGE
FIGURE 24. CURRENT LIMIT RESPONSE
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A. (Continued)
0
50
100
150
200
250
300
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
0
50
100
150
200
250
300
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.5
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
2.2V
6V
0
0.5
1.0
1.5
2.0
2.5
3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
ISL80101


Similar Part No. - ISL80101IR08Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80101IR18Z RENESAS-ISL80101IR18Z Datasheet
747Kb / 12P
   High Performance 1A LDO
ISL80101IR25Z RENESAS-ISL80101IR25Z Datasheet
747Kb / 12P
   High Performance 1A LDO
ISL80101IR33Z RENESAS-ISL80101IR33Z Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IR33Z INTERSIL-ISL80101IR33Z Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
logo
Renesas Technology Corp
ISL80101IR50Z RENESAS-ISL80101IR50Z Datasheet
747Kb / 12P
   High Performance 1A LDO
More results

Similar Description - ISL80101IR08Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com