Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL80101
Description  High Performance 1A LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL80101 Datasheet HTML 2Page - Intersil Corporation ISL80101 Datasheet HTML 3Page - Intersil Corporation ISL80101 Datasheet HTML 4Page - Intersil Corporation ISL80101 Datasheet HTML 5Page - Intersil Corporation ISL80101 Datasheet HTML 6Page - Intersil Corporation ISL80101 Datasheet HTML 7Page - Intersil Corporation ISL80101 Datasheet HTML 8Page - Intersil Corporation ISL80101 Datasheet HTML 9Page - Intersil Corporation ISL80101 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6931.0
December 21, 2009
ISL80101 Schematic Block Diagram
Application Section
Input Voltage Requirements
Despite other output voltages offered, this family of LDOs
is optimized for a true 2.5V to 1.8V conversion where the
input supply can have a tolerance of as much as ±10%
for conditions noted in the “Electrical Specifications” table
on page 3. Minimum guaranteed input voltage is 2.2V.
However, due to the nature of an LDO, VIN must be some
margin higher than the output voltage plus dropout at
the maximum rated current of the application if active
filtering (PSRR) is expected from VIN to VOUT. The
Dropout spec of this family of LDOs has been generously
specified in order to allow applications to design for a
level of efficiency that can accommodate the smaller
outline package for those applications that cannot
accommodate the profile of the TO220/263.
External Capacitor Requirements
GENERAL GUIDELINE
External capacitors are required for proper operation.
Careful attention must be paid to layout guidelines and
selection of capacitor type and value to ensure optimal
performance.
OUTPUT CAPACITOR
The required minimum output capacitor is 10µF X5R/X7R
to ensure stable operation. Additional capacitors of any
value in Ceramic, POSCAP or Alum/Tantalum Electrolytic
types may be placed in parallel to improve PSRR at
higher frequencies and/or load transient AC output
voltage tolerances. This minimum capacitor must be
connected to VOUT and Ground pins of the LDO with PCB
traces no longer than 0.5cm.
INPUT CAPACITOR
The minimum input capacitor required for proper
operation is 10µF having a ceramic dielectric. This
minimum capacitor must be connected to VOUT and
Ground pins of the LDO with PCB traces no longer than
0.5cm.
Thermal Fault Protection
In the event the die temperature exceeds typically
+160°C, then the output of the LDO will shut down until
the die temperature can cool down to typically +130°C.
The level of power combined with the thermal resistance
of the package (+45°C/W for DFN) will determine if the
junction temperature exceeds the thermal shutdown
temperature specified in the “Electrical Specifications”
table on page 3 (see thermal packaging guidelines).
Current Limit Protection
The ISL80101 LDO incorporates protection against
overcurrent due to any short or overload condition
applied to the output pin. The current limit circuit
performs as a constant current source when the output
current exceeds the current limit threshold noted in the
“Electrical Specifications” table on page 3. If the short or
overload condition is removed from VOUT, then the
output returns to normal voltage mode regulation. In the
event of an overload condition on the DFN package the
LDO will begin to cycle on and off due to the die
temperature exceeding thermal fault condition. The
TO220/263 package will tolerate higher levels of power
dissipation on the die which may never thermal cycle if
the heatsink of this larger package can keep the die
temperature below the specified typical thermal
shutdown temperature.
SS
REFERENCE
BIAS
LEVEL
SHIFT
OCL
THERMAL
SHUTDOWN
GND
PGOOD
ADJ
SENSE
VOUT
ENABLE
SS
VIN
POWER
PMOS
+
-
+
-
ISL80101


Similar Part No. - ISL80101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
ISL80101 INTERSIL-ISL80101 Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL80101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com