Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA08-800BW3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BTA08-800BW3G
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA08-800BW3G Datasheet(HTML) 2 Page - ON Semiconductor

  BTA08-800BW3G Datasheet HTML 1Page - ON Semiconductor BTA08-800BW3G Datasheet HTML 2Page - ON Semiconductor BTA08-800BW3G Datasheet HTML 3Page - ON Semiconductor BTA08-800BW3G Datasheet HTML 4Page - ON Semiconductor BTA08-800BW3G Datasheet HTML 5Page - ON Semiconductor BTA08-800BW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTA08−600BW3G, BTA08−800BW3G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Case (AC)
Junction−to−Ambient
RqJC
RqJA
2.5
63
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8″ from Case for 10 seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 125°C
IDRM,
IRRM
0.005
2.0
mA
ON CHARACTERISTICS
Peak On-State Voltage (Note 2)
(ITM = ±11 A Peak)
VTM
1.55
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 30 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IGT
2.5
2.5
2.5
50
50
50
mA
Holding Current
(VD = 12 V, Gate Open, Initiating Current = ±100 mA)
IH
60
mA
Latching Current (VD = 12 V, IG = 60 mA)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IL
70
90
70
mA
Gate Trigger Voltage (VD = 12 V, RL = 30 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGT
0.5
0.5
0.5
1.7
1.1
1.1
V
Gate Non−Trigger Voltage (TJ = 125°C)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGD
0.2
0.2
0.2
V
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current, See Figure 10.
(Gate Open, TJ = 125°C, No Snubber)
(dI/dt)c
1.5
A/ms
Critical Rate of Rise of On−State Current
(TJ = 125°C, f = 120 Hz, IG = 2 x IGT, tr ≤ 100 ns)
dI/dt
50
A/ms
Critical Rate of Rise of Off-State Voltage
(VD = 0.66 x VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dV/dt
2000
V/ms
2. Indicates Pulse Test: Pulse Width ≤ 2.0 ms, Duty Cycle ≤ 2%.


Similar Part No. - BTA08-800BW3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08-800BW STMICROELECTRONICS-BTA08-800BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
BTA08-800BW STMICROELECTRONICS-BTA08-800BW Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
Kersemi Electronic Co.,...
BTA08-800BW KERSEMI-BTA08-800BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTA08-800BWRG STMICROELECTRONICS-BTA08-800BWRG Datasheet
129Kb / 11P
   8A TRIACS
BTA08-800BWRG STMICROELECTRONICS-BTA08-800BWRG Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
More results

Similar Description - BTA08-800BW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com