Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA08-600BW3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # BTA08-600BW3G
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA08-600BW3G Datasheet(HTML) 4 Page - ON Semiconductor

  BTA08-600BW3G Datasheet HTML 1Page - ON Semiconductor BTA08-600BW3G Datasheet HTML 2Page - ON Semiconductor BTA08-600BW3G Datasheet HTML 3Page - ON Semiconductor BTA08-600BW3G Datasheet HTML 4Page - ON Semiconductor BTA08-600BW3G Datasheet HTML 5Page - ON Semiconductor BTA08-600BW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTA08−600BW3G, BTA08−800BW3G
http://onsemi.com
4
Figure 1. RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (A)
Figure 2. On-State Power Dissipation
IT(RMS), ON-STATE CURRENT (A)
Figure 3. On-State Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (V)
Figure 4. Thermal Response
t, TIME (ms)
1
0.1
0.01
1·104
1000
100
10
1
0.1
Figure 5. Holding Current Variation
TJ, JUNCTION TEMPERATURE (°C)
125
120
115
110
105
100
8
7
6
5
4
3
2
1
0
DC
α = 180°
α = 120, 90, 60, 30°
8
7
6
5
4
3
2
1
0
12
10
8
6
4
2
0
α = 30°
DC
180
°
120
°
90
°
60
°
55
45
35
25
15
5
−40
125
−25 −10 5
20 35
50 65 80
95 110
MT2 POSITIVE
MT2 NEGATIVE
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Typical @ TJ = 25°C
Typical @ TJ = 125°C
Typical @
TJ = −40°C
Typical @ TJ = 125°C
Typical @ TJ = 25°C
Typical @ TJ = −40°C


Similar Part No. - BTA08-600BW3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08-600BW STMICROELECTRONICS-BTA08-600BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
BTA08-600BW STMICROELECTRONICS-BTA08-600BW Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
BTA08-600BW STMICROELECTRONICS-BTA08-600BW Datasheet
191Kb / 4P
   SN UBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA08-600BW KERSEMI-BTA08-600BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
Inchange Semiconductor ...
BTA08-600BW ISC-BTA08-600BW Datasheet
121Kb / 1P
   isc Triacs
More results

Similar Description - BTA08-600BW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com