Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2634CUD-HMX8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2634CUD-HMX8
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634CUD-HMX8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2634CUD-HMX8 Datasheet HTML 5Page - Linear Technology LTC2634CUD-HMX8 Datasheet HTML 6Page - Linear Technology LTC2634CUD-HMX8 Datasheet HTML 7Page - Linear Technology LTC2634CUD-HMX8 Datasheet HTML 8Page - Linear Technology LTC2634CUD-HMX8 Datasheet HTML 9Page - Linear Technology LTC2634CUD-HMX8 Datasheet HTML 10Page - Linear Technology LTC2634CUD-HMX8 Datasheet HTML 11Page - Linear Technology LTC2634CUD-HMX8 Datasheet HTML 12Page - Linear Technology LTC2634CUD-HMX8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC2634
9
2634fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2634-HMI12/-HMI10/-HMI8/-HMX12/-HMX10/-HMX8/-HZ12/-HZ10/-HZ8 (VFS = 4.096V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
VREF
Input Voltage Range
l
1VCC
V
Resistance
l
120
160
200
Capacitance
14
pF
IREF
Reference Current, Power-Down Mode
DAC Powered Down
l
0.005
1.5
μA
Reference Output
Output Voltage
l
2.032
2.048
2.064
V
Reference Temperature Coefficient
±10
ppm/°C
Output Impedance
0.5
Capacitive Load Driving
10
μF
Short-Circuit Current
VCC = 5.5V, REF Shorted to GND
4
mA
Digital I/O
VIH
Digital Input High Voltage
l
2.4
V
VIL
Digital Input Low Voltage
l
0.8
V
VOH
Digital Output High Voltage
Load Current = –100μA
l
VCC – 0.4
V
VOL
Digital Output Low Voltage
Load Current = 100μA
l
0.4
V
ILK
Digital Input Leakage
VIN = GND to VCC
l
±1
μA
CIN
Digital Input Capacitance
(Note 8)
l
2.5
pF
AC Performance
tS
Settling Time
VCC = 5V (Note 9)
±0.39% (±1LSB at 8 Bits)
±0.098% (±1LSB at 10 Bits)
±0.024% (±1LSB at 12 Bits)
3.8
4.2
4.8
μs
μs
μs
Voltage Output Slew Rate
1.0
V/μs
Capacitive Load Driving
500
pF
Glitch Impulse
At Mid-Scale Transition
3.0
nV•s
DAC-to-DAC Crosstalk
1 DAC Held at FS, 1 DAC Switch 0 – FS
2.4
nV•s
Multiplying Bandwidth
External Reference
320
kHz
en
Output Voltage Noise Density
At f = 1kHz, External Reference
At f = 10kHz, External Reference
At f = 1kHz, Internal Reference
At f = 10kHz, Internal Reference
180
160
250
230
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
Output Voltage Noise
0.1Hz to 10Hz, External Reference
0.1Hz to 10Hz, Internal Reference
0.1Hz to 200kHz, External Reference
0.1Hz to 200kHz, Internal Reference
CREF = 0.1μF
35
50
680
750
μVP-P
μVP-P
μVP-P
μVP-P


Similar Part No. - LTC2634CUD-HMX8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634CUD-HMX8 LINER-LTC2634CUD-HMX8 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634CUD-HMX8PBF LINER-LTC2634CUD-HMX8PBF Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634CUD-HMX8TR LINER-LTC2634CUD-HMX8TR Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634CUD-HMX8TRPBF LINER-LTC2634CUD-HMX8TRPBF Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634CUD-HMX8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com