Electronic Components Datasheet Search |
|
LTC2634CMSE-HMI8 Datasheet(PDF) 5 Page - Linear Technology |
|
LTC2634CMSE-HMI8 Datasheet(HTML) 5 Page - Linear Technology |
5 / 30 page LTC2634 5 2634fb ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified. LTC2634-LMI12/-LMI10/-LMI8/-LMX12/-LMX10/-LMX8/-LZ12/-LZ10/-LZ8 (VFS = 2.5V) LTC2634-8 LTC2634-10 LTC2634-12 SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS DC Performance Resolution l 8 10 12 Bits Monotonicity VCC = 3V, Internal Ref. (Note 4) l 8 10 12 Bits DNL Differential Nonlinearity VCC = 3V, Internal Ref. (Note 4) l ±0.5 ±0.5 ±1 LSB INL Integral Nonlinearity VCC = 3V, Internal Ref. (Note 4) l ±0.05 ±0.5 ±0.2 ±1 ±1 ±2.5 LSB ZSE Zero-Scale Error VCC = 3V, Internal Ref., Code = 0 l 0.5 5 0.5 5 0.5 5 mV VOS Offset Error VCC = 3V, Internal Ref. (Note 5) l ±0.5 ±5 ±0.5 ±5 ±0.5 ±5 mV VOSTC VOS Temperature Coefficient VCC = 3V, Internal Ref. ±10 ±10 ±10 μV/°C GE Gain Error VCC = 3V, Internal Ref. l ±0.2 ±0.8 ±0.2 ±0.8 ±0.2 ±0.8 %FSR GETC Gain Temperature Coefficient VCC = 3V, Internal Ref. (Note 10) C-Grade I-Grade H-Grade 10 10 10 10 10 10 10 10 10 ppm/°C ppm/°C ppm/°C Load Regulation Internal Ref., Mid-Scale VCC = 3V ±10%, –5mA ≤ IOUT ≤ 5mA l 0.009 0.016 0.035 0.064 0.14 0.256 LSB/mA Internal Ref., Mid-Scale VCC = 5V ±10%, –10mA ≤ IOUT ≤ 10mA l 0.009 0.016 0.035 0.064 0.14 0.256 LSB/mA ROUT DC Output Impedance Internal Ref., Mid-Scale VCC = 3V ±10%, –5mA ≤ IOUT ≤ 5mA l 0.09 0.156 0.09 0.156 0.09 0.156 Ω Internal Ref., Mid-Scale VCC = 5V ±10%, –10mA ≤ IOUT ≤ 10mA l 0.09 0.156 0.09 0.156 0.09 0.156 Ω SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT DAC Output Span External Reference Internal Reference 0 to VREF 0 to 2.5 V V PSR Power Supply Rejection VCC = 3V ±10% or 5V ±10% –80 dB ISC Short-Circuit Output Current (Note 6) Sinking Sourcing VFS = VCC = 5.5V Zero-Scale; VOUT Shorted to VCC Full-Scale; VOUT Shorted to GND l l 27 –27 48 –48 mA mA Power Supply VCC Positive Supply Voltage For Specified Performance l 2.7 5.5 V ICC Supply Current (Note 7) VCC = 3V, VREF = 2.5V, External Reference VCC = 3V, Internal Reference VCC = 5V VREF = 2.5V, External Reference VCC = 5V, Internal Reference l l l l 0.5 0.6 0.6 0.7 0.7 0.8 0.8 0.9 mA mA mA mA ISD Supply Current in Power-Down Mode (Note 7) VCC = 5V, C-Grade, I-Grade VCC = 5V, H-Grade l l 0.5 0.5 20 30 μA μA |
Similar Part No. - LTC2634CMSE-HMI8 |
|
Similar Description - LTC2634CMSE-HMI8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |