Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD311 Datasheet(PDF) 4 Page - RFHIC

Part # AD311
Description  E-pHEMT MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD311 Datasheet(HTML) 4 Page - RFHIC

  AD311 Datasheet HTML 1Page - RFHIC AD311 Datasheet HTML 2Page - RFHIC AD311 Datasheet HTML 3Page - RFHIC AD311 Datasheet HTML 4Page - RFHIC AD311 Datasheet HTML 5Page - RFHIC AD311 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AD
D3
31
11
1
(Preliminary)
Application Circuit: 50~ 1000MHz, 5v, 75ohm System (Insert Pad)
Input
6.8nH
300pF
1.5pF
100nF
1nF
820nH
4.7uF/16V( Tantal)
Output
Vdd
33nH
+5 V
220 Ω
220Ω
27 Ω
10nF
Vdd
Output
220 Ω
220Ω
27 Ω
10nF
Output
220 Ω
220Ω
27 Ω
10nF
Vdd
820nH
(wire wound)
820nH
(wire wound)
750Ω
( wire wound)
AD311
GG
GG
G
G
G
G
G
560nH
( wire wound)
Variable Gain
Operation with/without pad
`
S-Parameter
0.2
0.4
0.6
0.8
0.0
1.0
-50
-40
-30
-20
-10
-60
0
Frequency(GHz)
Isolation
IN&OUT Port Isolation
OUT&OUT Port Isolation
0.2
0.4
0.6
0.8
0.0
1.0
-30
-25
-20
-15
-10
-5
0
5
-35
10
Frequency(GHz)
S11
S21
S22
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5


Similar Part No. - AD311

ManufacturerPart #DatasheetDescription
logo
RFHIC
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
   Multi Tuner Set-Top Boxes
More results

Similar Description - AD311

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
   E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
   E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
   E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
   E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
   E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
   E-pHEMT MMIC
AE427 RFHIC-AE427 Datasheet
222Kb / 3P
   E-pHEMT MMIC
AD412 RFHIC-AD412 Datasheet
306Kb / 6P
   E-pHEMT MMIC
AE617 RFHIC-AE617 Datasheet
209Kb / 3P
   E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
   E-pHEMT MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com