Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC374 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74HC374
Description  Octal 3?뭆tate Non?묲nverting D Flip?묯lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC374 Datasheet(HTML) 6 Page - ON Semiconductor

  74HC374 Datasheet HTML 1Page - ON Semiconductor 74HC374 Datasheet HTML 2Page - ON Semiconductor 74HC374 Datasheet HTML 3Page - ON Semiconductor 74HC374 Datasheet HTML 4Page - ON Semiconductor 74HC374 Datasheet HTML 5Page - ON Semiconductor 74HC374 Datasheet HTML 6Page - ON Semiconductor 74HC374 Datasheet HTML 7Page - ON Semiconductor 74HC374 Datasheet HTML 8Page - ON Semiconductor 74HC374 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74HC374
http://onsemi.com
6
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Figure
VCC
(V)
Guaranteed Limit
Unit
– 55 to 25_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Data to Clock
3
2.0
3.0
4.5
6.0
50
40
10
9
65
50
13
11
75
60
15
13
ns
th
Minimum Hold Time, Clock to Data
3
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5 0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
1
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
1
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
SWITCHING WAVEFORMS
Figure 1.
tr
tf
VCC
GND
tTHL
tTLH
90%
50%
10%
90%
50%
10%
CLOCK
tPLH
tPHL
Q
tW
1/fmax
50%
50%
50%
OUTPUT
ENABLE
Q
tPZL
tPLZ
tPZH
tPHZ
10%
90%
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
50%
DATA
CLOCK
VCC
VCC
GND
GND
VALID
th
tsu
50%
Q
Figure 2.
Figure 3.


Similar Part No. - 74HC374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC374 PHILIPS-74HC374 Datasheet
60Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
List of Unclassifed Man...
74HC374 ETC1-74HC374 Datasheet
230Kb / 5P
   OCTAL D-TYPE FLIP-FLOP POSITIVE EDGE TRIGGER 3-STATE
logo
Nexperia B.V. All right...
74HC374 NEXPERIA-74HC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
logo
NXP Semiconductors
74HC374D PHILIPS-74HC374D Datasheet
60Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Toshiba Semiconductor
74HC374D TOSHIBA-74HC374D Datasheet
205Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results

Similar Description - 74HC374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74AC374 ONSEMI-MC74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74VHCT374A ONSEMI-MC74VHCT374A_06 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com