Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3492EUFDTRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3492EUFDTRPBF
Description  Triple Output LED Driver with 3000:1 PWM Dimming
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492EUFDTRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3492EUFDTRPBF Datasheet HTML 6Page - Linear Technology LT3492EUFDTRPBF Datasheet HTML 7Page - Linear Technology LT3492EUFDTRPBF Datasheet HTML 8Page - Linear Technology LT3492EUFDTRPBF Datasheet HTML 9Page - Linear Technology LT3492EUFDTRPBF Datasheet HTML 10Page - Linear Technology LT3492EUFDTRPBF Datasheet HTML 11Page - Linear Technology LT3492EUFDTRPBF Datasheet HTML 12Page - Linear Technology LT3492EUFDTRPBF Datasheet HTML 13Page - Linear Technology LT3492EUFDTRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3492
10
3492f
Table 1. Ceramic Capacitor Manufacturers
VENDOR
TYPE
SERIES
Taiyo Yuden
Ceramic
X5R, X7R
AVX
Ceramic
X5R, X7R
Murata
Ceramic
X5R, X7R
Kemet
Ceramic
X5R, X7R
TDK
Ceramic
X5R, X7R
Inductor Selection
Inductor value is selected based on switching frequency
and desired transient response. The data sheet applica-
tions show appropriate selections for a 1.3MHz switching
frequency. Proportionately higher values may be used if a
lower switching frequency is selected.
Several inductors that work well with the LT3492 are listed
in Table 2. However, there are many other manufacturers
and devices that can be used. Consult each manufacturer
for more detailed information and their entire range of
parts. Ferrite core inductors should be used to obtain the
best efficiency. Choose an inductor that can handle the
necessary peak current without saturating, and ensure that
the inductor has a low DCR (copper-wire resistance) to
minimize I2R power losses. An inductor with a magnetic
shield should be used to prevent noise radiation and cross
coupling among the three channels.
Diode Selection
The Schottky diode conducts current during the interval
when the switch is turned off. Select a diode VR rated
for the maximum SW voltage. It is not necessary that
the forward current rating of the diode equal the switch
current limit. The average current, IF, through the diode
is a function of the switch duty cycle. Select a diode with
forward current rating of:
IF = IL • (1 – D)
where IL is the inductor current.
If using the PWM feature for dimming, it is important to
consider diode leakage, which increases with the tem-
perature from the output during the PWM low interval.
Therefore, choose the Schottky diode with sufficient low
leakage current at hot temperature. Table 3 shows several
Schottky diodes that work well with the LT3492.
APPLICATIONS INFORMATION
Table 2. Surface Mount Inductors
PART NUMBER
VALUE
(μH)
DCR
(
Ω MAX) IRMS (A)
SIZE
W
× L × H (mm3)
Sumida
CDRH4D28
15
0.149
0.76
5.0
× 5.0 × 3.0
CDRH5D28
22
0.122
0.9
6.0
× 6.0 × 3.0
33
0.189
0.75
CooperET
SD20
15
0.1655
1.25
5.0
× 5.0 × 2.0
22
0.2053
1.12
SD25
33
0.2149
1.11
5.0
× 5.0 × 2.5
Taiyo Yuden
NP04SZB
15
0.180
0.95
4.0
× 4.0 × 1.8
22
0.210
0.77
TDK
VLF5014A
15
0.32
0.97
4.5
× 4.7 × 1.4
22
0.46
0.51
Würth Electronics
7447789133
33
0.24
1.22
7.3
× 7.3 × 3.2
Coilcraft
M556132
22
0.19
1.45
6.1
× 6.1 × 3.2
Table 3. Schottky Diodes
PART NUMBER
VR (V)
IF (A)
PACKAGE
ZETEX
ZLLS350
40
0.38
SOD523
ZLLS400
40
0.52
SOD323
DIODES
B1100
100
1.0
SMA
ROHM
RB160M-60
60
1.0
PMDU/SOD-123
Undervoltage Lockout
The LT3492 has an undervoltage lockout circuit that
shuts down all the three converters when the input volt-
age drops below 2.1V. This prevents the converter from
switching in an erratic mode when powered from a low
supply voltage.
Programming the LED Current
An important consideration when using a switch with a
fixed current limit is whether the regulator will be able to
supply the load at the extremes of input and output voltage
range. Several equations are provided to help determine


Similar Part No. - LT3492EUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3492 LINER-LT3492 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Analog Devices
LT3492 AD-LT3492 Datasheet
2Mb / 36P
   I2C Programmable Quad Monolithic Boost LED Driver
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
More results

Similar Description - LT3492EUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_10 Datasheet
175Kb / 9P
   LED Driver with 1-Wire Dimming
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com