Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8200M Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8200M
Description  Complete Current Share 10A DC/DC Power Supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8200M Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8200M Datasheet HTML 1Page - Intersil Corporation ISL8200M Datasheet HTML 2Page - Intersil Corporation ISL8200M Datasheet HTML 3Page - Intersil Corporation ISL8200M Datasheet HTML 4Page - Intersil Corporation ISL8200M Datasheet HTML 5Page - Intersil Corporation ISL8200M Datasheet HTML 6Page - Intersil Corporation ISL8200M Datasheet HTML 7Page - Intersil Corporation ISL8200M Datasheet HTML 8Page - Intersil Corporation ISL8200M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
FN6727.0
December 22, 2009
6
ISHARE
Analog Current Output - Cascaded system level over current shutdown pin. This pin is used where you
have multiple modules configured for current sharing and is used with a common current share bus.
The bus sums each of the modules' average current contribution to the load to protect for a over current
condition at the load. The pin sources 15µA plus average module's output current. The shared bus
voltage (VISHARE) is developed across an external resistor (RISHARE). VISHARE represents the
average current of all active channel(s) that connected together.
The ISHARE bus voltage is compared with each module's internal reference voltage set by each
module's RISET resistor. This will generate and individual current share error signal in each cascaded
controller. The share bus impedance RISHARE should be set as RISET/NCTRL, RISET divided by number
of active current sharing controllers. The output current from this pin generates a voltage across the
external resistor. This voltage, VISHARE, is compared to and internal 1.2V threshold for average
overcurrent protection. For full-scale current, RISHARE should be ~10kΩ . Typically 10kΩ is used for
RSHARE and RSET. Output Current Range: 15µA to 108µA typ.
7
FSYNC IN
Analog input Control Pin - An optional external resistor (RFS-ext) connected to this pin and ground will
increase the oscillator switching frequency. It has an internal 59kΩ resistor for a default frequency of
700kHz. The internal oscillator will lock to an external frequency source when connected to a square
wave form. The external source is typically the CLKOUT signal from another ISL8200M or an external
clock. The internal oscillator synchronizes with the leading positive edge of the input signal. Input
Voltage Range for external source: 0V to 5V Square Wave.
8
CLKOUT
Digital Voltage Output - This pin provides a clock signal to synchronize with other ISL8200M(s). When
there is more than one ISL8200M in the system, the two independent regulators can be programmed
via PH_CNTRL for different degrees of phase delay.
9
PH_CNTRL Analog Input - The voltage level on this pin is used to program the phase shift of CLKOUT clock signal
to synchronize with other module(s).
10
ISHARE_BUS Open pin until first PWM pulse is generated. Then, via an internal FET, this pin connects the module’s
ISHARE to the system’s ISHARE bus after pre-bias is complete and soft-start is initiated.
11
FF
Analog Voltage Input - The voltages on this pin is fed into the controller, adjusting the sawtooth
amplitude to generate the feed-forward function. Voltage input 0.7 to VCC.
12
EN
This is a double function pin: Analog Input Voltage - The input voltage to this pin is compared with a
precision 0.8V reference and enables the digital soft-start. Input Voltage Range is 0V to VCC or VIN
through a pull up resistor maintaining a typical current of 5mA.
Analog Voltage Output - This pin can be used as a voltage monitor for input bus undervoltage lockout.
The hysteresis levels of the lockout can be programmed via this pin using a resistor divider network.
Furthermore, during fault conditions (such as overvoltage, overcurrent, and over-temperature), this
pin is used to communicate the information to other cascaded modules by pulling low the wired OR as
it is an Open Drain. Output Voltage Range is 0V to VCC.
13
VIN
Analog Voltage Input - This pin should be tied directly to the input rail when using the internal linear
regulator. It provides power to the internal linear drive circuitry. When used with an external 5V supply,
this pin should be tied directly to VCC. The internal linear device is protected against the reversed bias
generated by the remained charge of the decoupling capacitor at VCC when losing the input rail. Input
Voltage Range 0V to 20V.
14
PVCC
Analog Output - This pin is the output of the internal series linear regulator. It provides the bias for
both low-side and high-side drives. Its operational voltage range is 3V to 5.6V. The decoupling ceramic
capacitor in the PVCC pin is 10µF.
16
PHASE
Analog Output = This pin is the phase node of the regulator. Output Voltage Range 0V to 30V.
17
PVIN
Analog Input - This input voltage is applied to the power FETS with the FET’s ground being the PGND
pin. It is recommended to place input decoupling capacitance, 22µF, directly between PVIN pin and
PGND pin as close as possible to the module. Input Voltage Range: 0V to 20V.
18
PGND
All voltage levels are referenced to this pad. This is the low side MOSFET ground. PGND and PGND1
should be connected together with a ground plane.
19
VOUT
Output voltage from the module. Output Voltage Range: 0.6V to 6V.
20
OCSET
Analog Input - This pin is used with PHASE pin to set the current limit of the module. Input Voltage
Range 0V to 30V.
Pin Descriptions (Continued)
PIN
NUMBER
PIN NAME
PIN DESCRIPTION
ISL8200M


Similar Part No. - ISL8200M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
   Complete Current Share 10A DC/DC Power Module
ISL8200MEVAL1PHZ RENESAS-ISL8200MEVAL1PHZ Datasheet
2Mb / 25P
   Complete Current Share 10A DC/DC Power Module
logo
Intersil Corporation
ISL8200MIRZ INTERSIL-ISL8200MIRZ Datasheet
1Mb / 23P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200MIRZ RENESAS-ISL8200MIRZ Datasheet
2Mb / 25P
   Complete Current Share 10A DC/DC Power Module
More results

Similar Description - ISL8200M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200AMM INTERSIL-ISL8200AMM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200AM RENESAS-ISL8200AM Datasheet
1Mb / 25P
   Complete Current Share 10A DC/DC Power Module
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M_10 Datasheet
1Mb / 23P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200AMM RENESAS-ISL8200AMM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
June 3, 2015
logo
Intersil Corporation
ISL8200AM INTERSIL-ISL8200AM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
   Complete Current Share 10A DC/DC Power Module
ISL8200MM RENESAS-ISL8200MM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
Mar 15, 2013
logo
Wall Industries,Inc.
POL10-05T WALL-POL10-05T_18 Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POL10-12T WALL-POL10-12T_18 Datasheet
337Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
logo
Marl International Limi...
CC3512 MARL-CC3512 Datasheet
131Kb / 2P
   DC to DC Constant Current Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com