Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80102IR08Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL80102IR08Z
Description  High Performance 2A and 3A LDOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IR08Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL80102IR08Z Datasheet HTML 5Page - Intersil Corporation ISL80102IR08Z Datasheet HTML 6Page - Intersil Corporation ISL80102IR08Z Datasheet HTML 7Page - Intersil Corporation ISL80102IR08Z Datasheet HTML 8Page - Intersil Corporation ISL80102IR08Z Datasheet HTML 9Page - Intersil Corporation ISL80102IR08Z Datasheet HTML 10Page - Intersil Corporation ISL80102IR08Z Datasheet HTML 11Page - Intersil Corporation ISL80102IR08Z Datasheet HTML 12Page - Intersil Corporation ISL80102IR08Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6660.0
September 30, 2009
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A.
FIGURE 5. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 6. OUTPUT VOLTAGE vs SUPPLY VOLTAGE
FIGURE 7. OUTPUT VOLTAGE vs OUTPUT CURRENT
FIGURE 8. GROUND CURRENT vs SUPPLY VOLTAGE
FIGURE 9. GROUND CURRENT vs OUTPUT CURRENT
FIGURE 10. GROUND CURRENT vs OUTPUT VOLTAGE
1.8
1.2
0.6
0
-0.6
-1.2
-1.8
-50
-25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
02
46
SUPPLY VOLTAGE (V)
13
5
+125°C
+25°C
-40°C
-1.8
-1.2
-0.6
0.0
0.6
1.2
1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
0
1
2
3
4
5
6
7
8
9
2
INPUT VOLTAGE (V)
34
56
7.5
7.7
7.9
8.1
8.3
8.5
8.7
8.9
9.1
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.8
1.4
2.0
2.6
3.2
3.8
4.4
5.0
OUTPUT VOLTAGE (V)
+125°C
+25°C
-40°C
ISL80102, ISL80103


Similar Part No. - ISL80102IR08Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IR15Z INTERSIL-ISL80102IR15Z Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102IR18Z INTERSIL-ISL80102IR18Z Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102IR18Z INTERSIL-ISL80102IR18Z Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102IR18Z INTERSIL-ISL80102IR18Z Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102IR18Z RENESAS-ISL80102IR18Z Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102IR08Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com