Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3492EFETRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3492EFETRPBF
Description  Triple Output LED Driver with 3000:1 PWM Dimming
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492EFETRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3492EFETRPBF Datasheet HTML 1Page - Linear Technology LT3492EFETRPBF Datasheet HTML 2Page - Linear Technology LT3492EFETRPBF Datasheet HTML 3Page - Linear Technology LT3492EFETRPBF Datasheet HTML 4Page - Linear Technology LT3492EFETRPBF Datasheet HTML 5Page - Linear Technology LT3492EFETRPBF Datasheet HTML 6Page - Linear Technology LT3492EFETRPBF Datasheet HTML 7Page - Linear Technology LT3492EFETRPBF Datasheet HTML 8Page - Linear Technology LT3492EFETRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3492
3
3492f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, SHDN = 5V, PWM1-3 = 5V, FADJ = 0.5V, CTRL1-3 = 1.5V,
OVP1-3 = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operation Voltage
(Note 4)
3
30
V
VIN Undervoltage Lockout
2.1
2.4
V
Full-Scale LED Current Sense Voltage
ISP1-3 = 48V
l
98
96
100
103
104
mV
mV
One-Tenth Scale LED Current Sense Voltage
CTRL1-3 = 100mV, ISP1-3 = 48V
7
10
13
mV
ISPn/ISNn Operating Voltage
2.5
60
V
VREF Output Voltage
IREF = 200μA, Current Out of Pin
l
1.96
2
2.04
V
VREF Line Regulation
3V ≤ VIN ≤ 40V, IREF = 10μA
0.03
%/V
Quiescent Current in Shutdown
SHDN = 0V
0.1
10
μA
Quiescent Current Idle
PWM1-PWM3 = 0V
6
8
mA
Quiescent Current Active (Not Switching)
VC1-VC3 = 0V
11
15
mA
Switching Frequency
FADJ = 1.5V
FADJ = 0.5V
FADJ = 0.1V
1800
1000
280
2100
1300
340
2400
1600
400
kHz
kHz
kHz
Maximum Duty Cycle
FADJ = 1.5V (2.1MHz)
FADJ = 0.5V (1.3MHz)
FADJ = 0.1V (330kHz)
73
80
78
87
97
%
%
%
CTRL1-3 Input Bias Current
Current Out of Pin, CTRL1-3 = 0.1V
20
100
nA
FADJ Input Bias Current
Current Out of Pin, FADJ = 0.1V
20
100
nA
OVP1-3 Input Bias Current
Current Out of Pin, OVP1-3 = 0.1V
10
100
nA
OVP1-3 Threshold
0.95
1
1.05
V
VC1-3 Idle Input Bias Current
PWM1-3 = 0V
–20
0
20
nA
VC1-3 Output Impedance
ISP1-3 = 48V
10
EAMP gm (ΔIVC/ΔVCAP-LED)
ISP1-3 = 48V
200
μS
SW1-3 Current Limit
(Note 3)
600
1000
1300
mA
SW1-3 VCESAT
ISW = 500mA (Note 3)
340
mV
SW1-3 Leakage Current
SHDN = 0V, SW = 5V
2
μA
ISP1-3 Input Bias Current
180
250
μA
ISP1-3, ISN1-3 Idle Input Bias Current
PWM1-3 = 0V
1
μA
ISP1-3, ISN1-3 Input Bias Current in Shutdown
SHDN = 0V
1
μA


Similar Part No. - LT3492EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3492 LINER-LT3492 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Analog Devices
LT3492 AD-LT3492 Datasheet
2Mb / 36P
   I2C Programmable Quad Monolithic Boost LED Driver
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
More results

Similar Description - LT3492EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_10 Datasheet
175Kb / 9P
   LED Driver with 1-Wire Dimming
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com