Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3492 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3492
Description  Triple Output LED Driver with 3000:1 PWM Dimming
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492 Datasheet(HTML) 1 Page - Linear Technology

  LT3492 Datasheet HTML 1Page - Linear Technology LT3492 Datasheet HTML 2Page - Linear Technology LT3492 Datasheet HTML 3Page - Linear Technology LT3492 Datasheet HTML 4Page - Linear Technology LT3492 Datasheet HTML 5Page - Linear Technology LT3492 Datasheet HTML 6Page - Linear Technology LT3492 Datasheet HTML 7Page - Linear Technology LT3492 Datasheet HTML 8Page - Linear Technology LT3492 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3492
1
3492f
FEATURES
APPLICATIONS
DESCRIPTION
Triple Output LED Driver
with 3000:1 PWM Dimming
The LT
®3492 is a triple output DC/DC converter designed
to operate as a constant-current source and is ideal for
driving LEDs. The LT3492 works in buck, boost or buck-
boost mode. The LT3492 uses a fixed frequency, current
mode architecture resulting in stable operation over a
wide range of supply and output voltages. A frequency
adjust pin allows the user to program switching frequency
between 330kHz and 2.1MHz to optimize efficiency and
external component size.
The external PWM input provides 3000:1 LED dimming
on each channel. Each of the three channels has a built-in
gate driver to drive an external LED-disconnect P-channel
MOSFET, allowing high dimming range. The output current
range of each channel of the LT3492 is programmed with
an external sense resistor.
The CTRL pin is used to adjust the LED current either for
analog dimming or overtemperature protection.
n True Color PWM™ Dimming Delivers Up to 3000:1
Dimming Ratio
n Built-In Gate Driver for PMOS LED Disconnect
n Three Independent Driver Channels with 600mA,
60V Internal Switches
n Operates in Buck, Boost, Buck-Boost Modes
n CTRL Pin Accurately Sets LED Current Sense
Threshold Over a Range of 10mV to 100mV
n Adjustable Frequency: 330kHz to 2.1MHz
n Open LED Protection
n Wide Input Voltage Range:
Operation from 3V to 30V
Transient Protection to 40V
n Surface Mount Components
n 28-Lead (4mm
× 5mm) QFN and TSSOP Packages
n RGB Lighting
n Billboards and Large Displays
n Automotive and Avionic Lighting
n Constant-Current Sources
High Dimming Ratio Triple Output Buck-Mode LED Power Supply
3000:1 PWM Dimming at 100Hz
TYPICAL APPLICATION
0.3A
0.47μF 0.47μF
ISN1
330mΩ
330mΩ
TG1
PVIN
58V
10 LEDs
33μH
ISP1
0.3A
ISN2
TG2
33μH
ISP2
0.3A
0.47μF
ISN3
1μF
3
330mΩ
10k
150k
49.9k
680pF
3492 TA01a
TG3
33μH
ISP3
SW1
SW2
LT3492
GND
SW3
TG1-3
VC1-3
VREF
CTRL1-3
ISP1-3
ISN1-3
VIN
PWM1-3
SHDN
VIN
3V TO 24V
1μF
FADJ
OVP1-3
1.3MHz
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. True Color PWM is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 7199560, 7321203, and others pending.
PWM
5V/DIV
1μs/DIV
3492 TA01b
ILED
0.2A/DIV
IL
0.5A/DIV


Similar Part No. - LT3492

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3492 LINER-LT3492 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Analog Devices
LT3492 AD-LT3492 Datasheet
2Mb / 36P
   I2C Programmable Quad Monolithic Boost LED Driver
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
More results

Similar Description - LT3492

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_10 Datasheet
175Kb / 9P
   LED Driver with 1-Wire Dimming
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com