Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3092MPSTTR Datasheet(PDF) 10 Page - Linear Technology

Part # LT3092MPSTTR
Description  200mA 2-Terminal Programmable Current Source
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092MPSTTR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3092MPSTTR Datasheet HTML 6Page - Linear Technology LT3092MPSTTR Datasheet HTML 7Page - Linear Technology LT3092MPSTTR Datasheet HTML 8Page - Linear Technology LT3092MPSTTR Datasheet HTML 9Page - Linear Technology LT3092MPSTTR Datasheet HTML 10Page - Linear Technology LT3092MPSTTR Datasheet HTML 11Page - Linear Technology LT3092MPSTTR Datasheet HTML 12Page - Linear Technology LT3092MPSTTR Datasheet HTML 13Page - Linear Technology LT3092MPSTTR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LT3092
10
3092fb
APPLICATIONS INFORMATION
Figure 3 depicts the simplest frequency compensation
network as a single capacitor connected across the two
terminals of the current source. In this case, either a
capacitor with a value less than 1000pF, or greater than
1μF (ESR < 0.5Ω), may stabilize the circuit. Some ap-
plications may use the small value capacitor to stand
off DC voltage, but allow the transfer of data down a
signal line.
For some applications, this capacitance range may be
unacceptable or present a design constraint. One circuit
example typifying this is an “intrinsically-safe” circuit in
which an overload or fault condition potentially allows
the capacitor’s stored energy to create a spark or arc.
For applications in which a single capacitor is unacceptable,
Figure 3 alternately shows a series RC network connected
across the two terminals of the current source. This network
has two benefits. First, it limits the potential discharge
current of the capacitor under a fault condition, preventing
sparks or arcs. Second, it bridges the gap between the
upper bound of 1000pF for small capacitors to the lower
bound of 1μF for large capacitors such that almost any
value capacitor can be used. This allows the user greater
flexibility for frequency compensating the loop and fine
tuning the RC network for complex impedance networks.
In many instances, a series RC network is the best solution
for stabilizing the application circuit. Typical resistor values
will range from 100Ω to about 5k, especially for capacitor
Figure 4. Input and/or Output Capacitors May
Be Used for Compensation
values in between 1000pF and 1μF. Once again, Linear
Technology strongly recommends testing stability in situ
for any LT3092 application across all operating conditions,
especially ones that present complex impedance networks
at the input and output of the current source.
If an application refers the bottom of the LT3092 current
source to GND, it may be necessary to bypass the top
of the current source with a capacitor to GND. In some
cases, this capacitor may already exist and no additional
capacitance is required. For example, if the LT3092 was
used as a variable current source on the output of a power
supply, the output bypass capacitance would suffice to
provide LT3092 stability. Other applications may require
the addition of a bypass capacitor. Once again, the same
capacitor value requirements previously mentioned apply
in that an upper bound of 1000pF exists for small values
of capacitance, and a lower bound of 1μF (ESR < 0.5Ω)
exists for large value capacitors. A series RC network may
also be used as necessary, and depends on the application
requirements.
In some extreme cases, capacitors or series RC networks
may be required on both the LT3092’s input and output to
stabilize the circuit. Figure 4 depicts a general application
using input and output capacitor networks, rather than
an input-to-output capacitor. As the input of the current
source tends to be high impedance, placing a capacitor
on the input does not have the same effect as placing a
3092 F04
IN
SET
OUT
+
LT3092
10μA
IOUT
RSET
ROUT
COUT OR
VIN
COUT
ROUT
CIN
RIN
Figure 3. Compensation From Input to
Output of Current Source Provides Stability
3092 F03
IN
SET
OUT
+
LT3092
10μA
CCOMP OR
RSET
ROUT
RCOMP
CCOMP


Similar Part No. - LT3092MPSTTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3092 LINER-LT3092 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Linear Integrated Syste...
LT3092 LINEAR-LT3092 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3092 LINER-LT3092 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3092 LINER-LT3092 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT3092 LINER-LT3092 Datasheet
255Kb / 22P
   200mA 2-Terminal Programmable Current Source
More results

Similar Description - LT3092MPSTTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3092 LINER-LT3092_15 Datasheet
255Kb / 22P
   200mA 2-Terminal Programmable Current Source
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
B&K Precision Corporati...
9830B BK-9830B Datasheet
3Mb / 7P
   Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com