Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE275-101N30A Datasheet(PDF) 1 Page - IXYS Corporation

Part # DE275-101N30A
Description  RF Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DE275-101N30A Datasheet(HTML) 1 Page - IXYS Corporation

  DE275-101N30A Datasheet HTML 1Page - IXYS Corporation DE275-101N30A Datasheet HTML 2Page - IXYS Corporation DE275-101N30A Datasheet HTML 3Page - IXYS Corporation DE275-101N30A Datasheet HTML 4Page - IXYS Corporation DE275-101N30A Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DE275-101N30A
RF Power MOSFET
VDSS
=
100 V
ID25
=
30.0 A
RDS(on)
0.06 Ω
PDC
=
550 W
Symbol
Test Conditions
Maximum Ratings
VDSS
TJ = 25°C to 150°C
100
V
VDGR
TJ = 25°C to 150°C; RGS = 1 MΩ
100
V
VGS
Continuous
±20
V
VGSM
Transient
±30
V
ID25
Tc = 25°C
30.0
A
IDM
Tc = 25°C, pulse width limited by TJM
240
A
IAR
Tc = 25°C
TBD
A
EAR
Tc = 25°C
TBD
mJ
dv/dt
IS ≤ IDM, di/dt ≤ 100A/µs, VDD ≤ VDSS,
Tj ≤ 150°C, RG = 0.2Ω
5.5
V/ns
IS = 0
>200
V/ns
PDC
550
W
PDHS
Tc = 25°C
Derate 4.4W/°C above 25°C
270
W
PDAMB
Tc = 25°C
3.5
W
RthJC
0.25
C/W
RthJHS
0.53
C/W
Symbol
Test Conditions
Characteristic Values
TJ = 25°C unless otherwise specified
min.
typ.
max.
VDSS
VGS = 0 V, ID = 3 ma
100
V
VGS(th)
VDS = VGS, ID = 250 a
2
2.5
4
V
IGSS
VGS = ±20 VDC, VDS = 0
±100
nA
IDSS
VDS = 0.8 VDSS TJ = 25°C
VGS = 0
TJ = 125°C
25
250
µA
µA
RDS(on)
VGS = 15 V, ID = 0.5ID25
Pulse test, t ≤ 300µS, duty cycle d ≤ 2%
0.06
gfs
VDS = 15 V, ID = 0.5ID25, pulse test
9.7
S
TJ
-55
+175
°C
TJM
175
°C
Tstg
-55
+175
°C
TL
1.6mm(0.063 in) from case for 10 s
300
°C
Weight
2
g
Features
Isolated Substrate
high isolation voltage (>2500V)
excellent thermal transfer
Increased temperature and power
cycling capability
IXYS advanced low Qg process
Low gate charge and capacitances
easier to drive
faster switching
Low RDS(on)
Very low insertion inductance (<2nH)
No beryllium oxide (BeO) or other
hazardous materials
Advantages
Optimized for RF and high speed
switching
Easy to mount—no insulators needed
High power density
N-Channel Enhancement Mode
Low Qg and Rg
High dv/dt
Nanosecond Switching
DRAIN
SG1
SG2
GATE
SD1
SD2


Similar Part No. - DE275-101N30A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DE275-102N06A IXYS-DE275-102N06A Datasheet
173Kb / 6P
   RF Power MOSFET
More results

Similar Description - DE275-101N30A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
   RF Power MOSFET
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
   RF Power MOSFET
logo
Advanced Power Technolo...
ARF1518 ADPOW-ARF1518 Datasheet
100Kb / 3P
   RF POWER MOSFET
logo
IXYS Corporation
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
   RF Power MOSFET
DE150-102N02A IXYS-DE150-102N02A Datasheet
168Kb / 4P
   RF Power MOSFET
IXZH10N50LA IXYS-IXZH10N50LA Datasheet
266Kb / 9P
   RF Power MOSFET
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
   RF POWER MOSFET
BLF245 ASI-BLF245 Datasheet
21Kb / 1P
   RF POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com