Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2482S-800+TR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2482S-800+TR
Description  Eight-Channel 1-Wire Master
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2482S-800+TR Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2482S-800+TR Datasheet HTML 1Page - Maxim Integrated Products DS2482S-800+TR Datasheet HTML 2Page - Maxim Integrated Products DS2482S-800+TR Datasheet HTML 3Page - Maxim Integrated Products DS2482S-800+TR Datasheet HTML 4Page - Maxim Integrated Products DS2482S-800+TR Datasheet HTML 5Page - Maxim Integrated Products DS2482S-800+TR Datasheet HTML 6Page - Maxim Integrated Products DS2482S-800+TR Datasheet HTML 7Page - Maxim Integrated Products DS2482S-800+TR Datasheet HTML 8Page - Maxim Integrated Products DS2482S-800+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS2482-800: Eight-Channel 1-Wire Master
3 of 23
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standard
60
64
68
Write 0 Low Time
tW0L
Overdrive
7.1
7.5
7.9
µs
Standard
5.0
5.3
5.6
Write 0 Recovery Time
tREC0
Overdrive
2.8
3.0
3.2
µs
Standard
570
600
630
Reset Low Time
tRSTL
Overdrive
68.4
72
75.6
µs
Standard
66.5
70
73.5
Presence-Detect Sample Time
tMSP
Overdrive
7.1
7.5
7.9
µs
Standard
7.6
8
8.4
Sampling for Short and
Interrupt
tSI
Overdrive
0.7
0.75
0.8
µs
Standard
554.8
584
613.2
Reset High Time
tRSTH
Overdrive
70.3
74
77.7
µs
I²C-Pins (Note 7) See Figure 9
VCC = 2.9V to 3.7V
0.25 ×
VCC
LOW Level Input Voltage
VIL
VCC = 4.5V to 5.5V
-0.5
0.22 ×
VCC
V
HIGH Level Input Voltage
VIH
0.7 ×
VCC
VCC +
0.5V
V
Hysteresis of Schmitt Trigger
Inputs
Vhys
0.05 ×
VCC
V
LOW Level Output Voltage at
3mA Sink Current
VOL
0.4
V
Output Fall Time from VIhmin to
VILmax with a Bus Capacitance
from 10pF to 400pF
tof
60
250
ns
Pulse Width of Spikes that are
Suppressed by the Input Filter
tSP
SDA and SCL pins only
50
ns
Input Current Each I/O Pin with
an Input Voltage Between
0.1VCCmax and 0.9VCCmax
Ii
(Notes 8, 9)
-10
10
µA
Input Capacitance
Ci
(Note 8)
10
pF
SCL Clock Frequency
fSCL
0
400
kHz
Hold Time (Repeated) START
Condition. After this Period, the
First Clock Pulse is Generated.
tHD:STA
0.6
µs
LOW Period of the SCL Clock
tLOW
1.3
µs
HIGH Period of the SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated
START Condition
tSU:STA
0.6
µs
Data Hold Time
tHD:DAT
(Notes 10, 11)
0.9
µs
Data Setup Time
tSU:DAT
(Note 12)
250
ns
Setup Time for STOP Condition
tSU:STO
0.6
µs
Bus Free Time Between a
STOP and START Condition
tBUF
1.3
µs
Capacitive Load for Each Bus
Line
Cb
(Note 13)
400
pF
Oscillator Warm-Up Time
tOSCWUP
(Note 14)
100
µs


Similar Part No. - DS2482S-800+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2482S-800+T&R MAXIM-DS2482S-800+T&R Datasheet
321Kb / 23P
   8-Channel 1-Wire Master
19-4932; Rev 5; 12/14
More results

Similar Description - DS2482S-800+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2482-800 DALLAS-DS2482-800 Datasheet
261Kb / 22P
   Eight-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
   Single-Channel 1-Wire Master
Rev 10; 1/15
logo
Dallas Semiconductor
DS2482-100 DALLAS-DS2482-100 Datasheet
255Kb / 21P
   Single-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2484 MAXIM-DS2484 Datasheet
1Mb / 29P
   Single-Channel 1-Wire Master
Rev 1; 7/15
DS2482-800 MAXIM-DS2482-800_12 Datasheet
392Kb / 23P
   8-Channel 1-Wire Master
Rev 4; 1/12
DS2482-100 MAXIM-DS2482-100 Datasheet
359Kb / 24P
   Single-Channel 1-Wire Master
Rev 8; 11/09
DS2482-100 MAXIM-DS2482-100_12 Datasheet
361Kb / 24P
   Single-Channel 1-Wire Master
Rev 9; 1/12
DS2482-800 MAXIM-DS2482-800_V01 Datasheet
321Kb / 23P
   8-Channel 1-Wire Master
19-4932; Rev 5; 12/14
DS2482-101 MAXIM-DS2482-101_12 Datasheet
424Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 4; 1/12
logo
Dallas Semiconductor
DS1WM DALLAS-DS1WM Datasheet
198Kb / 15P
   Synthesizable 1-Wire Bus Master
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com